Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR937Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR937Z
Description  30 AMPS 600 - 900 VOLTS 80 nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR937Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR937Z Datasheet HTML 1Page - Solid States Devices, Inc SDR937Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Instantaneous Forward Voltage Drop
(IF=15 Adc, TA = 25
oC, 300ms Pulse)
(IF=30 Adc, TA = 25°C, 300ms Pulse)
VF
––
––
1.25
1.40
Volts
Volts
Instantaneous Forward Voltage Drop
(IF=15 Adc,TA = -55
oC, 300ms Pulse)
(IF=15 Adc,TA = 100°C, 300ms Pulse)
VF
––
––
1.15
1.35
Volts
Volts
Reverse Leakage Current
(Rated VR, TA 300ms Pulse minimum)
TA = 25
oC
TA = 100
oC
IR1
IR2
––
––
100
100
µA
mA
Junction Capacitance
(VR = 10 VDC, TA = 25
oC, f = 1 MHz)
CJ
––
150
pF
Reverse Recovery Time
(IF =500 mA, IR =1 A, IRR =250 mA, TA = 25
oC)
trr
––
80
ns
Case Outline: TO-254(M)
Pin1: Cathode
Pin 2: Anode
Pin 3: Anode
.685
.665
.750
.500
PIN 2
PIN 1
PIN 3
Ø
.150
.139
.545
.535
.800
.790
.050
.040
.270
.240
.545
.535
.155
.140
3x Ø.045
.035
2x .155
.145
Case Outline: TO-254(Z)
Pin 1: Cathode
Pin 2: Anode
Pin 3: Anode
PIN 1
PIN 2
PIN 3
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR936M&Z
thru
SDR939M&Z
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0073B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com