Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR1JSMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR1JSMS
Description  1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1JSMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR1JSMS Datasheet HTML 1Page - Solid States Devices, Inc SDR1JSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
Maximum Limit
Package
CHARACTERISTICS
SYMBOL
SMM
SM
SMS
UNIT
SDR1A .. thru SDR1D ..
0.96
1.3
0.96
SDR1G .. thru SDR1J ..
2.7
1.3
1.3
Instantaneous Forward Voltage Drop
(IF = 1Adc, 300 μs Pulse, TA = 25°C)
SDR1K .. thru SDR1M ..
VF1
2.7
2.5
1.9
Vdc
SDR1A .. thru SDR1D ..
1.05
1.45
2.1
SDR1G .. thru SDR1J ..
2.85
1.45
2.1
Instantaneous Forward Voltage Drop
(IF = 1Adc, 300 μs Pulse, TA = -55°C)
SDR1K .. thru SDR1M ..
VF2
2.85
2.65
2.3
Vdc
SDR1A .. thru SDR1D ..
SDR1G .. thru SDR1J ..
Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 25°C)
SDR1K .. thru SDR1M ..
IR1
5
μA
SDR1A .. thru SDR1D ..
SDR1G .. thru SDR1J ..
Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 100°C)
SDR1K .. thru SDR1M ..
IR2
250
μA
SDR1A .. thru SDR1D ..
20
15
40
SDR1G .. thru SDR1J ..
10
15
25
Junction Capacitance
(VR = 10Vdc, TA = 25°C , f = 1MHz)
SDR1K .. thru SDR1M ..
CJ
10
10
15
pf
SDR1A .. thru SDR1D ..
50
50
SDR1G .. thru SDR1J ..
60
60
Reverse Recovery Time 4/
SDR1K .. thru SDR1M ..
trr
70
70
70
ns
DIMENSIONS
DIMENSIONS
DIM.
MIN. MAX.
DIM.
MIN.
MAX.
A
.095” .105”
A
.134” .153”
B
.190” .210”
B
.200” .280”
C
.010” .030”
C
.022” .028”
Round Tab Surface Mount (SM):
D
---
---
D
.002”
---
DIMENSIONS
DIM.
MIN. MAX.
A
.075” .085”
B
.135” .145”
C
.010” .030”
Mini (SMM):
D
---
---
Square Tab Surface Mount (SMS) :
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR1ASM, SMM, & SMS
thru
SDR1MSM, SMM, & SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0003D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com