Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1K183M2ZP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ1K183M2ZP
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1K183M2ZP Datasheet(HTML) 3 Page - Sharp Corporation

  PQ1K183M2ZP Datasheet HTML 1Page - Sharp Corporation PQ1K183M2ZP Datasheet HTML 2Page - Sharp Corporation PQ1K183M2ZP Datasheet HTML 3Page - Sharp Corporation PQ1K183M2ZP Datasheet HTML 4Page - Sharp Corporation PQ1K183M2ZP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ1Kxx3M2ZP Series
Fig.7
Circuit Operating Current vs. Input
Voltage (PQ1K333M2ZP) (Typical Value)
Fig.8
Dropout Voltage vs. Junction
Temperature (Typical Value)
Input voltage VIN (V)
12
6
5
4
3
10
0
20
30
0
RL=11
Ω
RL=22
Ω
RL=
∞
Tj=25˚C
Junction temperature Tj (˚C)
0
–20
20
140
120
80 100
40 60
0.10
0.15
0.00
0.05
0.20
0.25
0.35
0.30
0.40
–40
VIN : =0.95VO
IO=300mA
Fig.3
Power Dissipation vs. Ambient
Temperature
Fig.4
Overcurrent Protection
Characteristics (Typical Value)
Fig.5
Output Voltage Fluctuation vs. Junction
Temperature (PQ1K333M2ZP) (Typical Value)
Fig.6
Output Voltage vs. Input Voltage
(PQ1K333M2ZP) (Typical Value)
Ambient temperature Ta (
°C)
–30
0
30
60
150
120
90
100
0
200
400
300
500
Note) Oblique line portion:Overheat protection may operate in this area.
Output current IO (A)
0
0.1
0.2
0.5
0.4
0.3
25
0
50
75
100
Junction temperature Tj (˚C)
–20 0
20 40
140
100 120
80
60
–40
–60
–80
0
–20
40
20
60
80
–40
VIN=4.3V
IO=30mA
VC=1.8V
CO=10uF
Input voltage VIN (V)
12
6
5
4
3
1
0
2
3
4
0
Tj=25˚C
RL=
∞
RL=11
Ω
RL=22
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com