Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1K213M2ZP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1K213M2ZP
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1K213M2ZP Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1K213M2ZP Datasheet HTML 1Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 2Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 3Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 4Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ1Kxx3M2ZP Series
s Electrical Characteristics
Output voltage
Load regulation
❇4
❇4
❇6
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Output noise voltage
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
Quienscent current
Output OFF-state dissipation current
Symbol
Vo
RegL
RegI
TcVo
RR
Vno(rms)
VI–O
Vc(on)
Ic(on)
Vc(off)
Iq
Iqs
Conditions
–
Io=5mA to 300mA
VIN=Vo(TYP.)+1V to
Vo(TYP.)+6V(MAX. 9V)
Io=10mA,Tj=–25 to +75˚C
–
10Hz<f<100kHz,
Io=30mA,Cn=0.1
µF
Io=300mA,❇5
–
Vc=1.8V
–
Io=0mA
Vc=0.2V
MIN.
Refer to the table below
–
–
–
–
–
1.8
–
–
–
–
TYP.
3.0
0.05
70
30
–
–
5
–
–
–
MAX.
–
35
160
20
–
–
–
0.7
–
30
0.4
500
1
Unit
V
mV
mV
mV/˚C
dB
µV
V
V
µA
V
µA
µA
Parameter
(Unless otherwise specified, Vin=Vo(TYP.)+1.0V, Io=30mA, Vc=1.8V, Ta=25˚C)
❇4 Typical value at output voltage is 3.0V type.
❇5 Input voltage when output voltage lowers 100m V from the voltage at Vin=Vo(TYP.)+1.0V.
❇6 In case of opening control terminal
, output voltage turns off.
3
s Output Voltage Line-up
❇7 Output
voltage
PQ1K183M2ZP
PQ1K213M2ZP
PQ1K253M2ZP
PQ1K303M2ZP
PQ1K333M2ZP
PQ1K343M2ZP
PQ1K503M2ZP
Symbol
Vo
Conditions
–
MIN.
1.740
2.040
2.440
2.940
3.234
3.332
4.900
TYP.
1.8
2.1
2.5
3.0
3.3
3.4
5.0
MAX.
1.860
2.160
2.560
3.060
3.366
3.468
5.100
Unit
V
Parameter
(VIN=Vo(TYP.)+1.0V,Io=30mA,Vc=1.8V,Ta=25˚C)
❇7 It is available for every 0.1V (1.3V to 5V)
Fig.1
Test Circuit
RL
IC(ON)
VC
IO
VO
+
10
µF
+
1
µF
0.01
µF
A
Iq, Iqs
A
A
6
4
3
1
2
5
V
Fig.2
Test Circuit for Ripple Rejection
+
VIN=VO(TYP)+1.0V
IO=10mA
RR=20log(ei(rms)/eo(rms))
f=400Hz(sine wave)
ei(rms)=100mV
VC=1.8V
eo
VIN
RL
VC
+
10
µF
+
1
µF
0.01
µF
6
4
3
1
2
5
~
ei
V
~



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com