Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1K503M2ZP Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ1K503M2ZP
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1K503M2ZP Datasheet(HTML) 4 Page - Sharp Corporation

  PQ1K503M2ZP Datasheet HTML 1Page - Sharp Corporation PQ1K503M2ZP Datasheet HTML 2Page - Sharp Corporation PQ1K503M2ZP Datasheet HTML 3Page - Sharp Corporation PQ1K503M2ZP Datasheet HTML 4Page - Sharp Corporation PQ1K503M2ZP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ1Kxx3M2ZP Series
Fig.9
Quiescent Current vs. Junction
Temperature
Fig.10 Ripple Rejection vs. Input Ripple Frequency
(PQ1K333M2ZP) (Typical Value)
Fig.11 Dropout Voltage vs. Output Current
(PQ1K333M2ZP) (Typical Value)
Fig.12 Output Peak Current vs. Junction
Temperature (Typical Value)
Junction temperature Tj (˚C)
0
–20
20
140
120
80 100
40 60
60
80
0
20
40
100
120
180
160
140
200
–40
VIN=VO (TYP)+1.0V
VC=1.8V, IO=0A
Input ripple frequency f (kHz)
1
10
100
30
0
10
20
40
50
70
60
80
0.1
Ta=25˚C, VIN=4.3V
IO=10mA (RL=330
Ω)
CO=10
µF
Cn=0.1
µF
No Cn
Cn=0.01
µF
Output current IO (mA)
100
200
300
100
0
50
150
250
200
300
0
Ta=25˚C,VC=1.8V,
VIN : Difference between input voltage
when output voltage lowers 0.1V from
VO(TYP.)+1.0V and output voltage
Junction temperature Tj (˚C)
20 40 60 80 100 120 140
0.30
0.20
0.25
0.35
0.55
0.50
0.45
0.40
0.60
–40 –20 0
VIN=VO(TYP.)+1.0V
VC=1.8V
lOP:Output current when output voltage lowers
0.3V in comparison with the value at IO=30mA
1
2
5
6
3
4
VIN
CIN
0.01
µF
CO
+
ON/OFF Signal
High: Output ON
Low or Open: Output OFF
Load
s ON/OFF Operation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com