Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1R30 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ1R30
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1R30 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ1R30_02 Datasheet HTML 1Page - Sharp Corporation PQ1R30_02 Datasheet HTML 2Page - Sharp Corporation PQ1R30_02 Datasheet HTML 3Page - Sharp Corporation PQ1R30_02 Datasheet HTML 4Page - Sharp Corporation PQ1R30_02 Datasheet HTML 5Page - Sharp Corporation PQ1R30_02 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ1R30 Series
Fig. 4 Overcurrent Protection Characteristics
(Typical Value)
Fig. 3 Power Dissipation vs. Ambient
Temperature
Note) Oblique line portion : Overheat protection may operate in this area.
0
–20 0
PD
80
50
100
150
500
400
300
200
100
Ambient temperature Ta (˚C)
Note) Oblique line portion : Overheat protection may operate in this area.
100
80
40
60
20
0
Output current IO (A)
0
0.1
0.2
0.3
0.4
Fig. 6 Output Voltage vs. Input Voltage
(PQ1R30) (Typical Value)
Fig. 5 Output Voltage Deviation vs. Junction
Temperature (PQ1R30) (Typical Value)
Fig. 1 Test Circuit
Fig. 2 Test Circuit of Ripple Rejection
Ic(ON)
V
A
A
VIN
Vc
Iq, Iqs
IO
VO
RL
10
µF
1
µF
0.1
µF
+
+
6
3
2
5
4
A
1
VIN
Vc
RL
10
µF
1
µF
0.1
µF
+
+
eo
+
V
6
3
2
5
4
1
f
=400Hz(sine wave)
ei(rms)=100mV
VIN=Vo(TYP)+1.0V
Io=10mA
RR=20 log(ei(rms)/eo(rms))
ei
80
20
0
40
60
–40
–20
–60
–80
Junction temperature Tj (˚C)
–40
0
20
–20
40 60
100 120
80
140
VIN=4.0V
IO=10mA
VC=1.8V
CO=10
µF
4.0
2.0
3.0
1.0
0
Input voltage VIN(V)
0
3.0
5.0
4.0
2.0
1.0
6.0
CIN=1
µF
CO=10
µF
RL=
RL=40
RL=20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com