Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR9910P Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR9910P
Description  50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR9910P Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR9910P Datasheet HTML 1Page - Solid States Devices, Inc SDR9910P Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0117B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR998N&P
thru
SDR9912N&P
Electrical Characteristics
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300
µsec pulse)
IF = 50Adc
IF = 100Adc
VF1
––
1.75
2.3
Volts
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300
µsec pulse)
(TA = 100ºC, 300
µsec pulse)
IF = 50Adc
IF = 50Adc
VF2
––
1.7
1.85
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300
µsec pulse minimum)
IR1
––
100
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300
µsec pulse minimum)
IR2
––
10
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
––
150
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A)
TA = 25ºC
trr
––
80
nsec
Case Outline: TO-258
Pin1: Cathode
Pin2: Anode
Pin3: Anode
Note 1: Pin 2&3 connected together
Case Outline: TO-259
Pin1: Cathode
Pin2: Anode
Pin3: Anode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com