Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ2CF1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ2CF1
Description  TO-220 Package, Step Up Output Chopper Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2CF1 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ2CF1 Datasheet HTML 1Page - Sharp Corporation PQ2CF1 Datasheet HTML 2Page - Sharp Corporation PQ2CF1 Datasheet HTML 3Page - Sharp Corporation PQ2CF1 Datasheet HTML 4Page - Sharp Corporation PQ2CF1 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Chopper Regulators
PQ2CF1
s Electrical Characteristics
Fig. 1 Test Circuit
Fig. 2 Power Dissipation vs. Ambient
Temperature
Parameter
Symbol
Conditions
Unit
MAX.
TYP.
MIN.
––
1.235
––
––
––
––
40
––
90
2.7
–80
–150
0.55
1.65
0.3
0.1
––
––
0.6
1.26
±0.5
0.1
0.2
85
50
±5
––
4.4
–50
–100
0.75
1.85
0.45
0.2
270
4.0
1.2
1.285
––
1.5
1.5
––
60
––
––
5.8
–20
–50
0.95
2.05
0.6
0.3
400
12
(Unless otherwise specified, conditions shall be VIN=5V,Io=0.2A,Vo=12V, Ta=25
˚C)
VSAT
Vref
∆Vref
| RegL |
| RegI |
η
fo
∆fo
DMAX
IL
ICHG1
ICHG2
VTHL
VCH
VCL
VTHON
ISD
IqS
V
V
%
%
%
%
kHz
%
%
A
µA
µA
V
V
V
V
µA
mA
ISW=2A
––
Tj=0 to 125
˚C
IO=70 to 570mA
VIN=3.5 to 10V
IO=0.5A
––
Tj=0 to 125
˚C
terminal is open
Duty=50%,
terminal=0V,
terminal
terminal=0.5V,
terminal
Duty=0%,
terminal
terminal is open,
terminal=1.1V
terminal is open,
terminal=1.4V
terminal is open,
terminal
VIN=35V,
terminal=0V,No L,CO,
D,R1,R2
VIN=35V,
terminal=0.5V,No L,
CO,D,R1,R2
Output saturation voltage
Reference voltage
Reference voltage temperature fluctuation
Load regulation
Line regulation
Efficiency
Oscillation frequency
Oscillation frequency temperature fluctuation
Maximum duty
Over current detecting level
Charge current 1
Charge current 2
Input threshold voltage
Vc terminal low level voltage
Vc terminal high level voltage
On threshold voltage
Stand-by current
Output OFF-state dissipation current
5
5
5
4
4
4
4
1
1
1
4
4
4
4
;;
;;
;;
;;
20
0
5
10
15
–20
0
20
40
60
100
80
PD2
PD1
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
VIN
ISD
IQS
CIN
100
µF
0.047
µF
CO
470
µF
R1
1k
Ω
R2
IO
VO
+
+
A
L
90
µH
L : HK-12S100-9000 (made by Toho Co.)
D : ERC80-004 (made by Fuji electronics Co.)
D
PQ2CF1
1k
Ω
2
1
4
3
3
s Block Diagram
Vsw
VIN
+
–
+
F/F
Q
R
S
Voltage
regulator
circuit
COMP.
Vref
OADJ
VC
COM
ON/OFF
circuit
Soft start
Oscillator
Low voltage
malfunction
prevention circuit
Overcurrent
protection
circuit
Overheat
protection
circuit
Error amp.
Amp.
5
1
3
4
2
Note) Oblique line portion : Overheat protection may operate in this area.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com