Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0402C103C2RC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0402C103C2RC
Description  CERAMIC CHIP CAPACITORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C103C2RC Datasheet(HTML) 3 Page - Kemet Corporation

  C0402C103C2RC Datasheet HTML 1Page - Kemet Corporation C0402C103C2RC Datasheet HTML 2Page - Kemet Corporation C0402C103C2RC Datasheet HTML 3Page - Kemet Corporation C0402C103C2RC Datasheet HTML 4Page - Kemet Corporation C0402C103C2RC Datasheet HTML 5Page - Kemet Corporation C0402C103C2RC Datasheet HTML 6Page - Kemet Corporation C0402C103C2RC Datasheet HTML 7Page - Kemet Corporation C0402C103C2RC Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP CAPACITORS
This chart refers to ceramic chip thickness codes on pages
73-76.
Thickness Code Reference Chart
Packaging Quantity Based on Finished Chip Thickness Specifications
Thickness
Code
Chip
Size
Chip Thickness
Range (mm)
Qty per Reel
7" Plastic
Qty per Reel
13" Plastic
Qty per Reel
7" Paper
Qty per Reel
13" Paper
Qty per Bulk
Cassette
AA
0201
.30 ± .03
N/A
N/A
15,000
N/A
N/A
BB
0402
.50 ± .05
N/A
N/A
10,000
50,000
50,000
CB
0603
.80 ± .07
N/A
N/A
4,000
10,000
15,000
CC
0603
.80 ± .10
N/A
N/A
4,000
10,000
N/A
CD
0603
.80 ± .15
N/A
N/A
4,000
10,000
N/A
DB
0805
.60 ± .10
N/A
N/A
N/A
N/A
10,000
DC
0805
.78 ± .10
4,000
10,000
4,000
10,000
N/A
DD
0805
.90 ± .10
4,000
10,000
N/A
N/A
N/A
DE
0805
1.00 ± .10
2,500
10,000
N/A
N/A
N/A
DF
0805
1.10 ± .10
2,500
10,000
N/A
N/A
N/A
DG
0805
1.25 ± .15
2,500
10,000
N/A
N/A
N/A
DH
0805
1.25 ± .20
2,500
10,000
N/A
N/A
N/A
DJ
0805
1.25 ± .20
3,000
10,000
N/A
N/A
N/A
DK
0805
1.25 ± .15
3,000
10,000
N/A
N/A
N/A
EB
1206
.78 ± .10
4,000
10,000
4,000
10,000
N/A
EC
1206
.90 ± .10
4,000
10,000
N/A
N/A
N/A
ED
1206
1.00 ± .10
2,500
10,000
N/A
N/A
N/A
EE
1206
1.10 ± .10
2,500
10,000
N/A
N/A
N/A
EF
1206
1.20 ± .15
2,500
10,000
N/A
N/A
N/A
EG
1206
1.60 ± .15
2,000
8,000
N/A
N/A
N/A
EH
1206
1.60 ± .20
2,000
8,000
N/A
N/A
N/A
EJ
1206
1.70 ± .20
2,000
8,000
N/A
N/A
N/A
EK
1206
.80 ± .10
2,000
8,000
N/A
N/A
N/A
EL
1206
1.15 ± .15
2,000
8,000
N/A
N/A
N/A
EM
1206
1.25 ± .15
2,500
10,000
N/A
N/A
N/A
EN
1206
0.95 ± .10
4,000
10,000
N/A
N/A
N/A
FB
1210
.78 ± .10
4,000
10,000
N/A
N/A
N/A
FC
1210
.90 ± .10
4,000
10,000
N/A
N/A
N/A
FD
1210
.95 ± .10
4,000
10,000
N/A
N/A
N/A
FE
1210
1.00 ± .10
2,500
10,000
N/A
N/A
N/A
FF
1210
1.10 ± .10
2,500
10,000
N/A
N/A
N/A
FG
1210
1.25 ± .15
2,500
10,000
N/A
N/A
N/A
FH
1210
1.55 ± .15
2,000
8,000
N/A
N/A
N/A
FJ
1210
1.85 ± .20
2,000
8,000
N/A
N/A
N/A
FK
1210
2.10 ± .20
2,000
8,000
N/A
N/A
N/A
FL
1210
1.40 ± .15
2,000
8,000
N/A
N/A
N/A
FM
1210
1.70 ± .20
2,000
8,000
N/A
N/A
N/A
FN
1210
1.85 ± .20
2,000
8,000
N/A
N/A
N/A
FO
1210
1.50 ± .20
2,000
8,000
N/A
N/A
N/A
FP
1210
1.60 ± .20
2,000
8,000
N/A
N/A
N/A
FQ
1210
2.5 ± .20
1,500
8,000
N/A
N/A
N/A
FR
1210
2.25 ± .20
2,000
8,000
N/A
N/A
N/A
FS
1210
2.50 ± .20
1,000
4,000
N/A
N/A
N/A
GB
1812
1.00 ± .10
1,000
4,000
N/A
N/A
N/A
GC
1812
1.10 ± .10
1,000
4,000
N/A
N/A
N/A
GD
1812
1.25 ± .15
1,000
4,000
N/A
N/A
N/A
GE
1812
1.30 ± .10
1,000
4,000
N/A
N/A
N/A
GF
1812
1.50 ± .10
1,000
4,000
N/A
N/A
N/A
GG
1812
1.55 ± .10
1,000
4,000
N/A
N/A
N/A
GH
1812
1.40 ± .15
1,000
4,000
N/A
N/A
N/A
GJ
1812
1.70 ± .15
1,000
4,000
N/A
N/A
N/A
GK
1812
1.60 ± .20
1,000
4,000
N/A
N/A
N/A
GL
1812
1.90 ± .20
1,000
4,000
N/A
N/A
N/A
GM
1812
2.00 ± .20
1,000
4,000
N/A
N/A
N/A
GN
1812
1.70 ± .20
1,000
4,000
N/A
N/A
N/A
HB
1825
1.10 ± .15
1,000
4,000
N/A
N/A
N/A
HC
1825
1.15 ± .15
1,000
4,000
N/A
N/A
N/A
HD
1825
1.30 ± .15
1,000
4,000
N/A
N/A
N/A
HE
1825
1.40 ± .15
1,000
4,000
N/A
N/A
N/A
HF
1825
1.50 ± .15
1,000
4,000
N/A
N/A
N/A
JB
2220
1.00 ± .15
1,000
4,000
N/A
N/A
N/A
JC
2220
1.10 ± .15
1,000
4,000
N/A
N/A
N/A
JD
2220
1.30 ± .15
1,000
4,000
N/A
N/A
N/A
JE
2220
1.40 ± .15
1,000
4,000
N/A
N/A
N/A
JF
2220
1.50 ± .15
1,000
4,000
N/A
N/A
N/A
KB
2225
1.00 ± .15
1,000
4,000
N/A
N/A
N/A
KC
2225
1.10 ± .15
1,000
4,000
N/A
N/A
N/A
KD
2225
1.30 ± .15
1,000
4,000
N/A
N/A
N/A
KE
2225
1.40 ± .15
1,000
4,000
N/A
N/A
N/A
78



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com