Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3RF33 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ3RF33
Description  3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF33 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ3RF33 Datasheet HTML 1Page - Sharp Corporation PQ3RF33 Datasheet HTML 2Page - Sharp Corporation PQ3RF33 Datasheet HTML 3Page - Sharp Corporation PQ3RF33 Datasheet HTML 4Page - Sharp Corporation PQ3RF33 Datasheet HTML 5Page - Sharp Corporation PQ3RF33 Datasheet HTML 6Page - Sharp Corporation PQ3RF33 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ3RF23/PQ3RF33
Fig. 7 Output Voltage Deviation vs. Junction
Temperature
Fig. 9 Output Voltage vs. Input Voltage
Fig. 8 Output Voltage Deviation vs. Junction
Temperature
Fig.10 Output Voltage vs. Input Voltage
(PQ3RF23)
(PQ3RF33)
Junction temperature Tj (˚C)
–25
0
25
50
75
100
125
–100
–80
–60
–40
–20
20
40
60
80
0
100
VIN=5V
IO=0A
(PQ3RF33)
(PQ3RF23)
5
03
4
6
7
2
18
2
3
1
4
Input voltage VIN (V)
Tj=25˚C
RL=1.65
Ω
RL=3.3
Ω
RL=
∞
5
03
4
6
7
2
18
2
3
1
4
Input voltage VIN (V)
Tj=25˚C
RL=0.94
Ω
RL=1.65
Ω
RL=3.3
Ω
RL=
∞
Output current IO (A)
5
03
4
6
7
8
2
1
2
3
1
4
Tj=25˚C
VIN=3.8V 4.3V 5V 7V 10V
Fig. 5 Overcurrent Protection Characteristics
Fig. 6 Overcurrent Protection Characteristics
(PQ3RF33)
(PQ3RF23)
Output current IO (A)
5
03
4
6
7
2
1
2
3
1
4
Tj=25˚C
VIN=3.8V 4.3V 5V 7V 10V
–25
0
25
50
75
100
125
Junction temperature Tj (˚C)
–100
–80
–60
–40
–20
20
40
60
80
0
100
VIN=5V
IO=0A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com