Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SACK2DPM Datasheet(PDF) 3 Page - TUK Ltd

Part # SACK2DPM
Description  D UNIVERSAL RANGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

SACK2DPM Datasheet(HTML) 3 Page - TUK Ltd

  SACK2DPM Datasheet HTML 1Page - TUK Ltd SACK2DPM Datasheet HTML 2Page - TUK Ltd SACK2DPM Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TUK Ltd, Unit 4, Wimbledon Stadium Business Centre, Riverside Road, London SW17 0BA
Tel: +44 (0) 20 8946 6688 Fax: +44 (0) 20 8879 7410 Email: sales@tuk.co.uk Website: www.tuk.co.uk
TUK follows a policy of continuous improvement. All information is correct at the time of printing but may be subject to change without prior notification. Please contact TUK for formal confirmation of
current specification. LSA - Plus is a registered trademark of Krone (UK) Technique Ltd, whose rights are acknowledged.
is a registered trademark of TUK Limited.
Specifications:
D UNIVERSAL adaptor (KADpm)
Each connector supplied as a kit comprises of connector and D UNIVERSAL adaptor (KADpm)
For specifications of couplers and sockets, see separate web pages as follows:
HDMI coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=185
RJ12 coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=170
USB2.0 AB keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=182
USB2.0 AA keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=224
Fibre couplers and sockets: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=209
Cat 6 coupler, unshielded: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=60
Cat 6A coupler, shielded: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=150
Cat 6A tool-less socket, shielded http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=113
Cat 6 tool-less socket, unshielded: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=173
Cat 5e coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=61
BNC 50 ohm: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=1&pId=218
BNC 75 ohm: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=1&pId=221
Speaker module: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=1&pId=201
90˚ Cat 6 Panel Mount Coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=133
FFD16: Steel Panel punched for D UNIVERSAL/XLR type connectors, with removable labelling strip and fixed cable management bar
19mm
Front
Back
Back
Front
Requirements for cut-out:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com