Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACK2PM Datasheet(PDF) 2 Page - TUK Ltd

Part # FACK2PM
Description  PANEL MOUNT CONNECTORS RANGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK2PM Datasheet(HTML) 2 Page - TUK Ltd

  FACK2PM Datasheet HTML 1Page - TUK Ltd FACK2PM Datasheet HTML 2Page - TUK Ltd FACK2PM Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9th February, 2016
More Information:
TUK’s Panel Mount Connectors Range offers a wide variety of audio, video and data connectors
which can easily be mounted into panels of virtually any thickness.
Die cast adaptor is robust and ensures easy mounting (into standard cut-out) and reliable
earthing.
All connectors are made to relevant standards. Category 6 and 6A connectors are made, for
example, to FCC68 and to TIA/EIA 568B and have an insertion life of >750 mating cycles. All
products are CE compliant (i.e including ROHS and REACH)
KSH66pm
KCFpm
KGB1pm
Code
Description
SGACK2Spm
KCHDpm
KCK66pm
KCUABpm
KCUAA2pm
KCUAAXpm
KOCMMpm
KOCSMpm
KOLMMDXpm
KOLSMDXpm
KOTMMpm
KOTSMpm
FACK2Spm
FACK2pm
SACK2whpm
SGKSsupm
SACK90Spm
SACK3Spm
SKmcbkpm
KSPbkpm
KBNC50pm
KBNC75pm
SKFwhpm
KSH66pm
KCFpm
KGB1pm
HDMI female to female coupler
RJ12 6P6C female to female coupler
USB2.0 A female to A female coupler
USB2.0 A female to A female coupler, reversible
USB A female to B female adaptor, reversible
Fibre female to female coupler SC to SC, multi mode simplex
Fibre female to female coupler SC to SC, single mode simplex
Fibre female to female coupler LC to LC, multi mode duplex
Fibre female to female coupler LC to LC, single mode duplex
Fibre female to female coupler ST to ST, multi mode simplex, black dustcover
Fibre female to female coupler ST to ST, single mode simplex, yellow dustcover
Category 5e female to female coupler, shielded
Category 6A female to female coupler, shielded (Cat 6 coupler, shielded also available)
Category 6A tool-less socket, shielded
Category 5e female to female coupler, unshielded
Category 6 female to female coupler, unshielded
Cat 6 female to female coupler, w/rear outlet 90° to front outlet, shielded or unshielded
Category 6 female to female coupler, shielded
Category 6 IDC socket, LSA-Plus and 110 type termination, unshielded
Speaker module in black with black elastic identifier
KSPrdpm
Speaker module in black with red elastic identifier
BNC 50 ohm female to female coupler
BNC true 75 ohm female to female coupler(capable of data rates up to 3 Gb/s or higher)
Category 6 tool-less IDC socket, unshielded (Category 5e also available)
RJ12 6p6c socket
F connector, female to female, keystone coupler in black.
UK telephone socket - PSTN Master (Slave/Secondary version also available)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com