Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACK2DPM Datasheet(PDF) 2 Page - TUK Ltd

Part # FACK2DPM
Description  D UNIVERSAL RANGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK2DPM Datasheet(HTML) 2 Page - TUK Ltd

  FACK2DPM Datasheet HTML 1Page - TUK Ltd FACK2DPM Datasheet HTML 2Page - TUK Ltd FACK2DPM Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Code
Description
KCUABDpm
KCUAA2Dpm
KCHDDpm
KCK66Dpm
SACK2Dpm
SGACK2SDSpm
SACK3SDSpm
SACK90SDSpm
FACKSDSpm
SGKSsuDSpm
SKFDpm
SKmcDpm
KOCMMDpm
KBNC50Dpm
KBNC75Dpm
KOCSMDpm
KOLMMDXDpm
KOLSMDXDpm
KOTMMDpm
KOTSMDpm
FACK2Dpm
KSPbkDpm
KSPrdDpm
FFD16cm
KADscrew R/F
KADkpk
USB A female to B female coupler, reversible
USB2.0 A female to A female coupler
RJ12 6p6c female to female coupler
HDMI female to female coupler
FFD16cm
Category 6 coupler, unshielded
Category 6A coupler, shielded
Category 6 coupler, shielded
Cat 6 keystone coupler, w/rear outlet 90 degrees to front outlet, shielded or unshielded
Category 5e keystone coupler, shielded
Category 6A tool-less socket, shielded
Category 6 tool-less IDC socket, unshielded
Category 6 socket, LSA-Plus and 110 type termination, unshielded
Fibre coupler SC to SC, multi mode simplex
Fibre coupler SC to SC, single mode simplex
Fibre coupler LC to LC, multi mode duplex
BNC 50 ohm in D UNIVERSAL adaptor
BNC 75 ohm in D UNIVERSAL adaptor
Fibre coupler LC to LC, single mode duplex
Fibre coupler ST to ST, multi mode simplex, black dustcover
Fibre coupler ST to ST, single mode simplex, yellow dustcover
Category 5e keystone coupler, unshielded
Speaker module with black elastic identifier
Speaker module with red elastic identifier
16 port panel for D UNIVERSAL series connectors with cable management
M3 screw to fit standard panels, in bag of 50 pieces; roundhead or flathead, black
D UNIVERSAL Blank
9th June, 2015
Patent Pending and Registered Design
More Information:
TUK’s D UNIVERSAL series of connectors offers a wide variety of audio, video and data connectors all available for
use in standard ‘D Series’ XLR type cut-outs.
Designed for rear mounting, our connectors have a pleasing flush appearance when mounted in suitable panels.
All items in the range can be mounted quickly without need for any securing nuts, as our mounting plates (made
from black polycarbonate or nickel plated PC/ABS according to connector type) are pre-threaded for M3 screws.
All connectors are made to relevant standards. Category 6 and 6A connectors are produced, for example, to
FCC68 and to TIA/EIA 568B and have an insertion life of >750 mating cycles. All products are CE compliant (i.e
including ROHS and REACH)
TUK will be expanding the range available and continue to make new releases.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com