Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SACK3SDSPM Datasheet(PDF) 2 Page - TUK Ltd

Part # SACK3SDSPM
Description  D UNIVERSAL RANGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

SACK3SDSPM Datasheet(HTML) 2 Page - TUK Ltd

  SACK3SDSPM Datasheet HTML 1Page - TUK Ltd SACK3SDSPM Datasheet HTML 2Page - TUK Ltd SACK3SDSPM Datasheet HTML 3Page - TUK Ltd SACK3SDSPM Datasheet HTML 4Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KADkpk
KGB1Dpm
KCFDpm
FFD16cm
KADscrew R/F
Code
Description
SGACK2SDSpm
KCHDDpm
KCK66Dpm
KCUABDpm
KCUAA2Dpm
KCUAAXDpm
KOCMMDpm
KOCSMDpm
KOLMMDXDpm
KOLSMDXDpm
KOTMMDpm
KOTSMDpm
FACK2SDSpm
FACK2Dpm
SACK2Dpm
SGKSsuDSpm
SACK90SDSpm
SACK3SDSpm
SKmcDpm
KSPbkDpm
KBNC50Dpm
KBNC75Dpm
KADkpk
FFD16cm
KADscrew R/F
SKFDpm
KSH66Dpm
KCFDpm
KGB1Dpm
HDMI female to female coupler
RJ12 6P6C female to female coupler
USB2.0 A female to A female coupler
USB2.0 A female to A female coupler, reversible
USB A female to B female adaptor, reversible
Fibre female to female coupler SC to SC, multi mode simplex
Fibre female to female coupler SC to SC, single mode simplex
Fibre female to female coupler LC to LC, multi mode duplex
Fibre female to female coupler LC to LC, single mode duplex
Fibre female to female coupler ST to ST, multi mode simplex, black dustcover
Fibre female to female coupler ST to ST, single mode simplex, yellow dustcover
Category 5e female to female coupler, shielded
Category 6A female to female coupler, shielded (Cat 6 coupler, shielded also available)
Category 6A tool-less socket, shielded
Category 5e female to female coupler, unshielded
Category 6 female to female coupler, unshielded
Cat 6 female to female coupler, w/rear outlet 90° to front outlet, shielded or unshielded
Category 6 female to female coupler, shielded
Category 6 IDC socket, LSA-Plus and 110 type termination, unshielded
Speaker module in black with black elastic identifier
KSPrdDpm
Speaker module in black with red elastic identifier
BNC 50 ohm female to female coupler
BNC true 75 ohm female to female coupler(capable of data rates up to 3 Gb/s or higher)
D UNIVERSAL Blank
16 port panel for D UNIVERSAL series connectors with cable management
M3 screw to fit standard panels (length: 10mm), in bag of 50 pieces; roundhead or flathead, black
Category 6 tool-less IDC socket, unshielded (Category 5e also available)
RJ12 6p6c socket
F connector, female to female, keystone coupler in black.
UK telephone socket - PSTN Master (Slave/Secondary version also available)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com