Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP-012 Datasheet(PDF) 1 Page - CUI Devices

Part # PP-012
Description  DC POWER PLUG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PP-012 Datasheet(HTML) 1 Page - CUI Devices

  PP-012 Datasheet HTML 1Page - CUI Devices PP-012 Datasheet HTML 2Page - CUI Devices PP-012 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: PP-012 | DESCRIPTION: DC POWER PLUG
cuidevices.com
FEATURES
• cable mount
• 3 A current rating
• hexagonal cover
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
24
Vdc
rated input current
3
A
contact resistance
between plug and jack
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
when mating with a standard jack
0.5
2.5
kgf
withdrawal force
when mating with a standard jack
0.3
2.0
kgf
operating temperature
-25
70
°C
operating humidity
85
%
life
5,000
cycles
flammability rating
see material table
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 1 second
380
400
420
°C
Additional Resources: Product Page | 3D Model


Similar Part No. - PP-012

ManufacturerPart #DatasheetDescription
logo
CUI INC
PP-012 CUI-PP-012 Datasheet
211Kb / 1P
RATING: 16V DC 3A OPERATING TEMP: 0 ~40
PP-012 CUI-PP-012 Datasheet
211Kb / 1P
DC POWER JACK
More results

Similar Description - PP-012

ManufacturerPart #DatasheetDescription
logo
CUI INC
PP-019 CUI-PP-019 Datasheet
241Kb / 1P
DC POWER PLUG
PPM-2-3511-B CUI-PPM-2-3511-B Datasheet
179Kb / 2P
DC POWER PLUG
PPM-2-35135-BG CUI-PPM-2-35135-BG Datasheet
178Kb / 2P
DC POWER PLUG
PPM-2-35135-SG CUI-PPM-2-35135-SG Datasheet
196Kb / 2P
DC POWER PLUG
PPM-3-3511-SG CUI-PPM-3-3511-SG Datasheet
195Kb / 2P
DC POWER PLUG
PP3-038D CUI-PP3-038D Datasheet
277Kb / 3P
DC POWER PLUG
PPM-2-5525 CUI-PPM-2-5525 Datasheet
287Kb / 3P
DC POWER PLUG
PPM-2-35135-SG-WT CUI-PPM-2-35135-SG-WT Datasheet
272Kb / 3P
DC POWER PLUG
PPM-2-47517-SG CUI-PPM-2-47517-SG Datasheet
289Kb / 3P
DC POWER PLUG
PP3-0620 CUI-PP3-0620 Datasheet
279Kb / 3P
DC POWER PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com