Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32921 Datasheet(PDF) 5 Page - EPCOS

Part # B32921
Description  Film Capacitors EMI Suppression Capacitors (MKP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921 Datasheet(HTML) 5 Page - EPCOS

  B32921 Datasheet HTML 1Page - EPCOS B32921 Datasheet HTML 2Page - EPCOS B32921 Datasheet HTML 3Page - EPCOS B32921 Datasheet HTML 4Page - EPCOS B32921 Datasheet HTML 5Page - EPCOS B32921 Datasheet HTML 6Page - EPCOS B32921 Datasheet HTML 7Page - EPCOS B32921 Datasheet HTML 8Page - EPCOS B32921 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request
)
Preferred types
22.5
0.33
8.5
× 16.5 × 26.5 B32923A2334+***
480
500
510
0.33
6.0
× 15.0 × 26.5 B32923C3334M***
680
700
720
0.33
7.0
× 16.0 × 26.5 B32923D3334+***
580
600
630
0.33
7.5
× 14.0 × 26.5 B32923T3334+***
550
500
570
0.47
8.5
× 16.5 × 26.5 B32923A2474M***
480
500
510
0.47
10.5
× 16.5 × 26.5 B32923B2474+***
390
400
540
0.47
8.5
× 16.5 × 26.5 B32923C3474+***
480
500
510
0.56
8.5
× 16.5 × 26.5 B32923C3564M***
480
500
510
0.68
10.5
× 18.5 × 26.5 B32923A2684M***
390
400
540
0.68
10.5
× 20.5 × 26.5 B32923B2684+***
390
400
540
0.68
10.5
× 16.5 × 26.5 B32923C3684+***
390
400
540
0.82
10.5
× 18.5 × 26.5 B32923C3824M***
390
400
540
1.0
12.0
× 22.0 × 26.5 B32923A2105M***
450
1.0
11.0
× 20.5 × 26.5 B32923C3105+***
370
350
510
1.5
12.0
× 22.0 × 26.5 B32923C3155M***
450
1.5
14.5
× 29.5 × 26.5 B32923D3155+***
260
2.2
14.5
× 29.5 × 26.5 B32923C3225+***
260
B32921 ... B32926
X2 / 305 VAC
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com