Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-T1 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # BAV20WS-T1
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAV20WS-T1 Datasheet(HTML) 2 Page - Won-Top Electronics

  BAV20WS-T1 Datasheet HTML 1Page - Won-Top Electronics BAV20WS-T1 Datasheet HTML 2Page - Won-Top Electronics BAV20WS-T1 Datasheet HTML 3Page - Won-Top Electronics BAV20WS-T1 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV19WS – BAV21WS
2 of 4
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Forward Voltage Drop
@ IF = 100mA
VFM
1.0
V
Peak Reverse Leakage Current @ Rated DC Blocking Voltage
IRM
100
nA
Typical Junction Capacitance (VR = 0V DC, f = 1.0MHz)
Cj
5.0
pF
Reverse Recovery Time (Note 2)
trr
50
nS
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Measured with IF = IR = 30mA, IRR = 0.1 x IR, RL = 100
.
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
T= 25 C
j
°
1
10
100
0.1
0.01
0
100
200
T , JUNCTION TEMPERATURE ( C)
Fig. 2 Leakage Current vs Junction Temperature
j
°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com