Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPEPS-DA Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # IPEPS-DA
Description  ADDERLINK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

IPEPS-DA Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  IPEPS-DA Datasheet HTML 1Page - Infinite Electronics International, Inc. IPEPS-DA Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Local, Remote and Global Computer Control
All trademarks acknowledged. Specifications subject to change without notice.
DS/ALipeps-02/07
ADDERLINK
The AdderLink ipeps product is part of the Adder’s ‘ipeps’ (IP Engine per Server) concept
that delivers a complete, secure, non-blocking approach to computer management.
TECHNICAL SPECIFICATIONS
ADDER TECHNOLOGY LIMITED
Technology House, Trafalgar Way, Bar Hill, Cambridge, CB23 8SQ UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ADDER CORPORATION
29 Water Street, Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
Video resolutions
Hardware compatibility
O/S compatibility
AdderLink ipeps to KVM/computer
connection
Local console (DA model only)
Connections
Physical design
Power supply
Operating temperature
Approvals
Supports standard PC, Sun and Mac video modes up
to resolutions of 1280 x 1024 with scalable viewer
Supports PC, RS/6000, Alpha, SGI computers,
Sun and Mac. USB or PS/2connections supported.
Compatible with most KVM switches
All known software and operating systems including
Windows (all), DOS, Linux, Unix, BSD, Sun OS, Solaris,
Mac OS, NetWare etc.
Video: HDD15, Keyboard/Mouse: MiniDIN6 1m 3-in-1
cable supplied (USB converters also included)
Video: HDD15, Keyboard/Mouse: MiniDIN6
Ethernet: RJ45 10/100 autosensing
Compact case, robust metal construction. ipeps
120mm/4.72” (w), 27mm/1.06” (h), 75mm/2.95” (d),
0.34kg/0.76lbs. ipeps DA 120mm/4.72” (w),
42mm/1.65” (h), 75mm/2.95” (d), 0.46kg/1.02lbs.
16 or 8 (DA) per 2U. Rack mount kits available
(X-RMK plus relevant fascia plate)
100-240VAC, 47/63Hz
0ºC to 40ºC / 32ºF to 104ºF
CE, FCC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com