Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R Datasheet(PDF) 2 Page - Luminus, Inc

Part # SST-10-R
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R Datasheet(HTML) 2 Page - Luminus, Inc

  SST-10-R_V01 Datasheet HTML 1Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 2Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 3Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 4Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 5Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 6Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 7Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 8Page - Luminus, Inc SST-10-R_V01 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
Product Family
LED Emission Area
Color
Package Configuration
Bin kit
SST: Surface Mount
Package
10: 1.0 mm2
R: Red
See Mechanical Drawing
section
Flux and Wavelength bin
kit code - See available
ordering codes
SST
10
R
<B###>
<FFWWW>
Ordering Information
The following table describes the bin kit ordering codes available for the SST-10 Red LEDs. Each bin kit specifies a minimum flux as well as
specific chromaticity bins allowed. Please note that within each kit a maximum flux is not specified and as a result Luminus may ship any
part meeting or exceeding the minimum flux specification. Shipments will always meet the listed chromaticity bins. For information on
ordering bin kits not listed below, please contact Luminus.
Color
Luminous Flux
Wavelength Bins
Ordering Part Numbers
Bin Kit Flux Code
Min. Flux
Red
G
270
615,620,625
SST-10-R-B90-G630
SST-10-R-B130-G630
H
310
615,620,625
SST-10-R-B90-H630
SST-10-R-B130-H630
J
350
615,620,625
SST-10-R-B90-J630
SST-10-R-B130-J630
Ordering Part Numbers
Part Number Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com