Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISG2102 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2102
Description  Very fast IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2102 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2102 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2102 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISG2102
eq STGF3NC120HD
Very fast IGBT
www.iscsemi.com
1
DESCRIPTION
· High voltage capability
· High Speed Switching & Low Power Loss
· Very ultrafast recovery diode
APPLICATIONS
•
Home appliance
•
Lighting
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
6
A
IC
Collector Current-Continuous
@ TC=100℃
3
A
ICM
Pulsed Collector Current@
TC=25℃
20
A
IF
Diode Forward Current @ TC=25℃
3
A
PD
Power Dissipation @TC=25℃
25
W
Tj
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
IGBT
5
℃
/W
Rth j-c
Thermal Resistance,Junction to Case
diode
3.5
℃
/W
12
3
TO-220F package
Pin 1.Gate
2.Collector
3.Emitter


Similar Part No. - ISG2102

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2100 ISC-ISG2100 Datasheet
264Kb / 3P
NPT Field-Stop IGBT
ISG2101 ISC-ISG2101 Datasheet
264Kb / 3P
NPT IGBT
ISG2103 ISC-ISG2103 Datasheet
305Kb / 2P
Trench gate Field-Stop IGBT
ISG2105 ISC-ISG2105 Datasheet
303Kb / 2P
NPT IGBT
ISG2106 ISC-ISG2106 Datasheet
260Kb / 2P
Ultrafast IGBT
More results

Similar Description - ISG2102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
40 A - 600 V - very fast IGBT
31-Jan-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
30 A - 1200 V - very fast IGBT
12-Mar-2008
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
35 A - 1200 V - very fast IGBT
25-Jan-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
33 A - 1300 V - very fast IGBT
04-Sep-2012
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
30 A - 600 V - very fast IGBT
16-Apr-2012
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
30 A - 600 V - very fast IGBT
18-Jun-2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com