Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C5000 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # B40C5000
Description  5.0A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B40C5000 Datasheet(HTML) 2 Page - Won-Top Electronics

  B40C5000 Datasheet HTML 1Page - Won-Top Electronics B40C5000 Datasheet HTML 2Page - Won-Top Electronics B40C5000 Datasheet HTML 3Page - Won-Top Electronics B40C5000 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B40C5000/3300 – B500C5000/3300
2 of 4
© 2006 Won-Top Electronics
0.1
1.0
10
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25”C
Pulse Width = 300 ms
j
100
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
50
100
150
200
250
1
10
100
8.3ms Single Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
10
100
400
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance Per Element
R
T = 25”C
f = 1MHz
j
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
RATED PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 25”C
j
T = 100”C
j
0
1
2
3
4
5
20
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (”C)
Fig. 1 Forward Current Derating Curve
A
Single Phase Half Wave
60 Hz Resistive or Inductive Load
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com