Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ070XH02ZP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ070XH02ZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XH02ZP Datasheet(HTML) 3 Page - Sharp Corporation

  PQ070XH02ZP Datasheet HTML 1Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 2Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 3Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 4Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 5Page - Sharp Corporation PQ070XH02ZP Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ070XH02Z Series
Fig.3
Power Dissipation vs. Ambient
Temperature
Fig.4
Overcurrent Protection Characteristics
Fig.6
Output Voltage vs. Input Voltage
Fig.7
Circuit Operating Current vs. Input
Voltage
Fig.8
Dropout Voltage vs. Junction
Temperature
–40 –20
0
20
100
80
60
40
10
0
20
15
5
30
35
25
40
PD : With infinite heat sink
Ambient temperature Ta (
°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Fig.5
Output Voltage Fluctuation vs. Junction
Temperature
Output Current IO (A)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
1.0
0
2.0
1.5
0.5
4.0
3.5
3.0
4.5
2.5
5.0
VIN=4.5V
7V
5V
5.5V
10V
VC=2.7V, Ta=25˚C
R1=1k
Ω, R2=1.4kΩ (VO=3V)
CIN=0.33
µF, CO=47µF
Junction temperature Tj (˚C)
–50 –25
0
25
50
75
100 125
–30
–50
–10
–20
–40
30
20
10
40
0
50
VIN=5V, VC=2.7V, IO=1A
R1=1k
Ω, R2=1.4kΩ
CIN=100
µF, CO=100µF
Input voltage VIN (V)
01
3
2
456789 10
1.0
0
2.0
1.5
0.5
4.0
3.5
3.0
4.5
2.5
5.0
VC=2.7V, Ta=25˚C
R1=1k
Ω, R2=1.4kΩ (VO=3V)
CIN=0.33
µF, CO=47µF
RL=1.5
Ω(IO=2A)
RL=3
Ω(IO=1A)
RL=
∞Ω(IO=0A)
Input voltage VIN (V)
01
3
2
456789 10
0
60
50
40
30
20
10
VC=2.7V, Ta=25˚C
CIN=0.33
µF, CO=47µF
RL=
∞Ω(IO=0A)
RL=3
Ω(IO=1A)
RL=1.5
Ω(IO=2A)
Junction temperature Tj (˚C)
–50
0
–25
25
50
75
100 125
0
0.5
0.45
0.35
0.4
0.3
0.25
0.15
0.2
0.05
0.1
VIN=2.85V, VC=2.7V
R1=1k
Ω, R2=1.4kΩ
CIN=100
µF,CO=100µF
IO=1A
IO=2A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com