Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDAA20LS4K080 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDAA20LS4K080
Description  HDMI 2.0 Active Optical Cable, With Locking Screws, 4K
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDAA20LS4K080 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDAA20LS4K080 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHOSPODAR
HYBRID CABLE 4X FIBER AND
COPPER WIRE
JACKET: PVC, BLACK: NOM. DIA. .23[5.8]
2X MOLDED HOOD AND
STRAIN RELIEF,
PVC, BLACK
LENGTH
.37
9.3
.37
9.3
P2
HDMI 2.0
MALE CONNECTOR
WITH LOCKING SCREW
PIN 2
PIN 1
PIN 19
PIN 18
HDMI 2.0
MALE CONNECTOR
WITH LOCKING SCREW
PIN 2
P1
PIN 1
PIN 18
PIN 19
NOTES:
1. CABLE ASSEMBLIES SHALL BE TESTED FOR CONTINUITY
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
12
DRAIN WIRE
8
4
SHELL
"P1"
SHELL
11
1
2
2
4
1
5
6
15
6
16
14
8
17
14
12
13
13
9
7
19
16
11
17
10
18
"P2"
3
18
7
9
5
3
19
15
10
WIRE MAP
REVISION
ZONE
REV.
DESCRIPTION
DATE
CHANGED BY
APPROVED BY
A
INITIAL RELEASE
06/22/2023
BPUCHASKI
PHOSPODAR
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AOC-HDAA20LS4K
A
1
1
JJOHNSTON
06/22/2023
06/22/2023
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
HDMI 2.0 Active Optical Cable,
With Locking Screws, 4K
FIBER OPTICS
UNLESS OTHERWISE SPECIFIED,
BPUCHASKI
COLOR VARIATIONS
MAY OCCUR
06/22/2023
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D1
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: AOC-HDAA20LS4K.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - HDAA20LS4K080

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDAA20LS4K070 L-COM-HDAA20LS4K070 Datasheet
161Kb / 1P
HDMI 2.0 Active Optical Cable, With Locking Screws, 4K
06/22/2023
HDAA20LS4K090 L-COM-HDAA20LS4K090 Datasheet
161Kb / 1P
HDMI 2.0 Active Optical Cable, With Locking Screws, 4K
06/22/2023
More results

Similar Description - HDAA20LS4K080

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P582-003-HD-V2A TRIPPLITE-P582-003-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 3 ft.
P582-006-HD-V2A TRIPPLITE-P582-006-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 6 ft.
P582-010-4K6AE TRIPPLITE-P582-010-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 10 ft., Black
P582-010-HD-V2A TRIPPLITE-P582-010-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 10 ft.
P582-012-HD-V2A TRIPPLITE-P582-012-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 12 ft.
P582-015-HD-V2A TRIPPLITE-P582-015-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 15 ft.
logo
IOGEAR
GHDAOC30 IOGEAR-GHDAOC30 Datasheet
146Kb / 2P
10K HDMI Active Optical Cable 100 ft.
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com