Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ010FZ01ZP Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ010FZ01ZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ01ZP Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PQ010FZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 9Page - Sharp Corporation PQ010FZ01ZP Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
01
2
4
35
Input Voltage/Bias Supply Voltage VIN/VB(V)
0
2
4
0
1
6
82
10
12
14
16
18
20
IIN–VIN
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IB–VB
VIN=1.8V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IIN
IB
01
2
4
35
Input Voltage/Bias Supply Voltage VIN/VB(V)
0
2
4
0
1
8
6
10
2
14
12
16
18
22
20
24
26
IIN–VIN
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IB–VB
VIN=1.8V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IIN
IB
01
2
4
5
6
37
Input Voltage/Bias Supply Voltage VIN/VB(V)
–1.0
–0.5
0
+0.5
+1.0
+1.5
VC=2.7V,CIN=0.33
µF,CO=47µF,IO=0A
Based on VIN=1.8V, VB=3.3V
VIN
VB
Fig.23 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ010FZ01Z)
Fig.24 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ012FZ01Z)
Fig.25 Output Voltage vs. Input Voltage /
Bias Supply Voltage (PQ010FZ5MZ)
01
2
4
5
6
37
Input Voltage/Bias Supply Voltage VIN/VB(V)
–1.0
–0.5
0
+0.5
+1.0
+1.5
VC=2.7V,CIN=0.33
µF,CO=47µF,IO=0A
Based on VIN=1.8V, VB=3.3V
VIN
VB
01
2
4
5
6
37
Input Voltage/Bias Supply Voltage VIN/VB(V)
–1.0
–0.5
0
+0.5
+1.0
+1.5
VC=2.7V,CIN=0.33
µF,CO=47µF(Ar),IO=0A
Based on VIN=1.8V, VB=3.3V
VIN
VB
01
2
4
5
6
37
Input Voltage/Bias Supply Voltage VIN/VB(V)
–1.0
–0.5
0
+0.5
+1.0
+1.5
VC=2.7V,CIN=0.33
µF,CO=47µF,IO=0A
Based on VIN=1.8V, VB=3.3V
VIN
VB
Fig.26 Output Voltage vs. Input Voltage /
Bias Supply Voltage (PQ010FZ01Z)
Fig.27 Output Voltage vs. Input Voltage /
Bias Supply Voltage (PQ012FZ5MZ)
Fig.28 Output Voltage vs. Input Voltage /
Bias Supply Voltage (PQ012FZ01Z)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com