Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSSR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSSR
Description  Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSR Datasheet(HTML) 3 Page - Vishay Siliconix

  VSSR Datasheet HTML 1Page - Vishay Siliconix VSSR Datasheet HTML 2Page - Vishay Siliconix VSSR Datasheet HTML 3Page - Vishay Siliconix VSSR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VTSR, VSSR, VSOR
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Vishay Thin Film
Document Number: 60003
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 11-Jun-07
23
DERATING CURVE
MECHANICAL SPECIFICATIONS
Resistive Element
Tantalum Nitride
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy
Plating
Tin lead
Lead Coplanarity
0.0005"
Marking Resistance to Solvents
Permanency testing per MIL-STD-202, Method 215
Lead (Pb)-free Option
100 % Sn Matte
Lead (Pb)-free Finish
Plated
PACKAGING INFORMATION
MODEL
LEADS
TAPE AND REEL
TUBES
VTSR (TSSOP)
20
2500
74
24
2500
62
VSSR (QSOP)
16
2500
98
20
2500
55
24
2500
55
VSOR (SOIC)
16
2500
48
0
70
125
150
100
80
60
40
20
0
Ambient Temperature
°C
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: VTSR1601103JT1 (preferred part number format)
GLOBAL MODEL
PIN COUNT
SCHEMATIC
RESISTANCE
(3, 4 or 6 digits)
TOLERANCE
PACKAGING
VTSR
VSSR
VSOR
Lead (Pb)-free (e3)
date code > 2705
16 (not VTSR)
20 (not VSOR)
24 (not VSOR)
01 (Bussed)
03 (Isolated)
XXX:
≥ 100R & all 1 %, 2 % & 5 %
First 2 digits are significant
figures. Last digit specifies
number of zeroes to follow.
XXXX: < 100R 1 %
First 3 digits are significant
figures. Last digit specifies
number of zeroes to follow.
F = 1.0 %
G = 2.0 %
J = 5.0 %
TAPE AND REEL
T0 = 100 Min 100 Mult
T1 = 1000 Min 1000 Mult
T3 = 300 Min 300 Mult
T5 = 500 Min 500 Mult
TF = Full Reel 2500
TS = 100 Min 1 Mult
UF = TUBED
16 (not VTSR)
20 (not VSOR)
05 (Terminator)
47 (Terminator)
xxx xxx
First 2 digits are significant
figures. Last digit specifies
number of zeroes.
G = 2.0 %
J = 5.0 %
Historical Part Number example: VSSR2001102GT/R (will continue to be accepted)
VSSR
20
01
102
G
T/R
MODEL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
R
160
331
5
O
4
7
1
VS
G
T1
R
160
10
3
1
S
VT
J
T1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com