Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3301 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3301
Description  Step-up DC/DC converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3301 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3301 Datasheet HTML 1Page - Kingbor Technology Co KB3301 Datasheet HTML 2Page - Kingbor Technology Co KB3301 Datasheet HTML 3Page - Kingbor Technology Co KB3301 Datasheet HTML 4Page - Kingbor Technology Co KB3301 Datasheet HTML 5Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Descripation
Step-up DC-DC Converter
KB3301
Control Code
SOT-26
SOT-89-5
Vin
10uH
L1
C4
102uF
R1
1.6M/100K
1N5819
Vout
3.3V/5V
D1
CE
EXT
VDD
GND
FB
LX
C3
100uF
+
C1
100uF
+
C5
106uF
R2
980K/33K
I(V
DD)
R3
100
C2
1uF
I(V
i
n
)
P2 / 5
3
01
KB3301
KB3301
KB3301
Function Block Diagram
Marking Information
Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com