Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105M1 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS5105M1
Description  500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS5105M1 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS5105M1 Datasheet HTML 1Page - Advanced Monolithic Systems AMS5105M1 Datasheet HTML 2Page - Advanced Monolithic Systems AMS5105M1 Datasheet HTML 3Page - Advanced Monolithic Systems AMS5105M1 Datasheet HTML 4Page - Advanced Monolithic Systems AMS5105M1 Datasheet HTML 5Page - Advanced Monolithic Systems AMS5105M1 Datasheet HTML 6Page - Advanced Monolithic Systems AMS5105M1 Datasheet HTML 7Page - Advanced Monolithic Systems AMS5105M1 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS5105
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Supply Voltage
-0.3 to +6.5V
Maximum Junction Temperature
+125
°C
Internal Power Dissipation (Note 4)
Internally Limited
Storage Temperature
-65
°C to +150°C
ESD
2000V
Lead Temperature (Soldering 25 sec)
265
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =VOUT +1V, IOUT =1mA, TJ=25°C, COUT = 2.2µF unless otherwise specified.
PARAMETER
CONDITIONS
AMS5105-X
Min.
Typ.
Max.
Units
Fixed Output Voltage Versions
Output Voltage Tolerance
-1.5
+1.5
%
(VOUT+1V) ≤ VIN ≤6V, IOUT=100 mA
-25
°C ≤T
J
≤125°C
- 3.0
+ 3.0
%
Line Regulation
(VIN+1V) ≤V
IN
≤ 6V
5
8
10
30
mV/V
mV/V
Load Regulation
1mA
≤I
OUT
≤ 100 mA
5mA
≤ I
OUT
≤ 500 mA
30
50
50
70
mV
mV
Dropout Voltage
I
OUT
= 10 mA
I
OUT
= 100 mA
I
OUT
= 500 mA
20
100
400
25
125
500
mV
mV
mV
Quiescent Current
I
OUT
= 10 mA
I
OUT
= 100 mA
I
OUT
= 500 mA
RL = 500Ω, In disabled state, VENABLE = 0
450
450
450
100
550
550
550
500
µA
µA
µA
nA
Maximum Operational Input
Voltage
6
V
ENABLE
Threshold Voltage
Enabled
Disabled
VIN = 3V to 6V (Note 6)
60
-
-
15
% VIN
% VIN
ENABLE
Threshold Current
VENABLE = 0.6 x VIN, VIN = 3V to 6V
0.01
1
nA
Wake-Up Response Time
(from disabled state)
(Note 7)
-
20
30
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com