Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65513-J-R49 Datasheet(PDF) 1 Page - EPCOS

Part # B65513-J-R49
Description  ER 14,5/6 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65513-J-R49 Datasheet(HTML) 1 Page - EPCOS

  B65513-J-R49 Datasheet HTML 1Page - EPCOS B65513-J-R49 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
468 08/01
I In accordance with IEC 61860
I For transformers featuring high inductance
and low overall height
I ER14,5/6 cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 1,1 mm–1
le
= 19 mm
Ae
= 17,6 mm2
Ve
= 333 mm3
Approx. weight 1,8 g/set
Ungapped
Material
AL value
nH
µe
Ordering code
N491)
900 + 30/– 20 %
800
B65513-J-R49
N921)
1100 + 30/– 20 %
970
B65513-J-R92
N871)
1500 + 30/– 20 %
1250
B65513-J-R87
T421)
8500 + 40/– 30 %
7200
B65513-J-Y42
FEK0420-L
4,7±0,1
11,8±0,2
14,5±0,2
1) Preliminary data
B65513
Core
ER 14,5/6


Similar Part No. - B65513-J-R49

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65513 EPCOS-B65513 Datasheet
96Kb / 4P
Ferrites and accessories
B65513 EPCOS-B65513 Datasheet
207Kb / 7P
Ferrites and accessories
B65513J0000R049 EPCOS-B65513J0000R049 Datasheet
96Kb / 4P
Ferrites and accessories
B65513J0000R049 EPCOS-B65513J0000R049 Datasheet
207Kb / 7P
Ferrites and accessories
B65513J0000R049 EPCOS-B65513J0000R049_13 Datasheet
207Kb / 7P
Ferrites and accessories
More results

Similar Description - B65513-J-R49

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65523 EPCOS-B65523 Datasheet
94Kb / 3P
ER 9,5/5 Core
B65525 EPCOS-B65525 Datasheet
101Kb / 3P
ER 11/5 Core
B65928 EPCOS-B65928 Datasheet
82Kb / 2P
PS 68 횞 14,5 Core and Accessories
B65945 EPCOS-B65945 Datasheet
82Kb / 2P
P Core Half 70 횞 14,5 Core and Accessories
B66347 EPCOS-B66347 Datasheet
89Kb / 3P
ER 42/22/15 Core
B66350 EPCOS-B66350 Datasheet
81Kb / 2P
ER 35/20/11 Core
B66357 EPCOS-B66357 Datasheet
76Kb / 2P
ER 54/18/18 Core
B66377 EPCOS-B66377 Datasheet
80Kb / 2P
ER 46/17/18 Core
B66391 EPCOS-B66391 Datasheet
76Kb / 2P
ER 49/27/17 Core
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
ER 28/17/11 Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com