Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65541-W-R30 Datasheet(PDF) 2 Page - EPCOS

Part # B65541-W-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65541-W-R30 Datasheet(HTML) 2 Page - EPCOS

  B65541-W-R30 Datasheet HTML 1Page - EPCOS B65541-W-R30 Datasheet HTML 2Page - EPCOS B65541-W-R30 Datasheet HTML 3Page - EPCOS B65541-W-R30 Datasheet HTML 4Page - EPCOS B65541-W-R30 Datasheet HTML 5Page - EPCOS B65541-W-R30 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
329 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,8
20
25
20
500
0,73
21
28,7
23,6
603
mm–1
mm
mm2
mm2
mm3
m
3,2
3,5
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T with threaded sleeve
M33
100
± 3 %
0,30
64
B65541-+100-A33
N48
160
± 3 %
0,16
102
B65541-+160-A48
250
± 3 %
0,10
159
B65541-+250-A48
315
± 3 %
0,08
201
B65541-+315-A48
400
± 3 %
0,05
255
B65541-+400-A48
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-D with center hole
-W w/o center hole
K1
140 + 30/– 20 %
89
B65541-D-R1
M33
970 + 30/– 20 %
617
B65541-D-R33
N26
2300 + 30/– 20 % 1460
B65541-D-R26
N30
4600 + 30/– 20 % 2670
B65541-W-R30
T38
9800 + 40/– 30 % 5690
B65541-W-Y38
N87
2800 + 30/– 20 % 1630 1550
< 0,26
(200 mT, 100 kHz, 100 °C)
B65541-W-R87
N41
3300 + 30/– 20 % 1940 1940
< 0,09
(200 mT, 25 kHz, 100 °C)
B65541-W-R41
FPK0085-A
0,5
9,2 _
ø3+0,1
0,2
ø6 _
M2
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65541
Core
P 14
× 8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com