Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65621 Datasheet(PDF) 2 Page - EPCOS

Part # B65621
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65621 Datasheet(HTML) 2 Page - EPCOS

  B65621 Datasheet HTML 1Page - EPCOS B65621 Datasheet HTML 2Page - EPCOS B65621 Datasheet HTML 3Page - EPCOS B65621 Datasheet HTML 4Page - EPCOS B65621 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
358 08/01
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,257 mm–1
le
= 62,1 mm
Ae
= 242 mm2
Amin = 200 mm2
Ve
= 15 000 mm3
Approx. weight 82 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
-J with center hole
N48
250
± 3 %
1,35
51
B65621-J250-A48
630
± 3 %
0,43
129
B65621-J630-A48
3150
± 5 %
0,05
642
B65621-J3150-J48
Material
AL value
nH
µe
Ordering code
-J with center hole
N26
8400 + 30/– 20 %
1720
B65621-J-R26
FPK0174-1
ø5,5+0,2
0,5
ø17,5 _
30 1,5
_
B65621
Core
P 41
× 25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com