Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65621-J-R26 Datasheet(PDF) 4 Page - EPCOS

Part # B65621-J-R26
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65621-J-R26 Datasheet(HTML) 4 Page - EPCOS

  B65621-J-R26 Datasheet HTML 1Page - EPCOS B65621-J-R26 Datasheet HTML 2Page - EPCOS B65621-J-R26 Datasheet HTML 3Page - EPCOS B65621-J-R26 Datasheet HTML 4Page - EPCOS B65621-J-R26 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
360 08/01
Mounting assembly for chassis mounting
I The set comprises a yoke and a metal base plate
I Fixing by screws or rivets
Yoke
Spring yoke, made of nickel silver (0,5 mm)
Complete mounting assembly (with tubular rivets)
Ordering code: B65623-A1
a) Yoke
b) Base plate
c) Tubular rivets
Rivet!
B65623
Accessories
P 41
× 25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com