Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65738-J-R26 Datasheet(PDF) 1 Page - EPCOS

Part # B65738-J-R26
Description  PR 23 횞 18
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65738-J-R26 Datasheet(HTML) 1 Page - EPCOS

  B65738-J-R26 Datasheet HTML 1Page - EPCOS B65738-J-R26 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
376 08/01
Core
I Also available with center hole
I Types with special AL value on request
I TT/PR cores are supplied in sets
Magnetic characteristics (per set)
Σle/Ae = 0,62 mm–1
le
= 45,1 mm
Ae
= 73,1 mm2
Amin = 67,4 mm2
Ve
= 3293 mm3
Approx. weight TT 20,6 g/set
PR 16,6 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
Type
N26
3600 + 30/– 20 % 1770
B65716-J-R26
B65738-J-R26
TT
PR
N87
3800 + 30/– 20 % 1870 1830
< 2,2
(200 mT, 100 kHz, 100 °C)
B65716-J-R87
B65738-J-R87
TT
PR
N30
6500 + 30/– 20 % 3190
B65716-J-R30
B65738-J-R30
TT
PR
T65
9200 + 30/– 20 % 4520
B65716-J-R65
B65738-J-R65
TT
PR
T38
13800 + 40/– 30 % 6770
B65716-J-Y38
B65738-J-Y38
TT
PR
FPK0286-V
18,4
14+0,6
0,2
_
FPK0287-4
18,4
14+0,6
0,2
_
0,5
15,5 _
TT
PR
B65716-J
B65738-J
PR 23
× 18
TT 23
× 18


Similar Part No. - B65738-J-R26

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65738-L-R26 EPCOS-B65738-L-R26 Datasheet
74Kb / 2P
PR 23 횞 11
B65738-L-R30 EPCOS-B65738-L-R30 Datasheet
74Kb / 2P
PR 23 횞 11
B65738-L-R65 EPCOS-B65738-L-R65 Datasheet
74Kb / 2P
PR 23 횞 11
B65738-L-R87 EPCOS-B65738-L-R87 Datasheet
74Kb / 2P
PR 23 횞 11
B65738-L-Y38 EPCOS-B65738-L-Y38 Datasheet
74Kb / 2P
PR 23 횞 11
More results

Similar Description - B65738-J-R26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
EPCOS
B65716-L EPCOS-B65716-L Datasheet
74Kb / 2P
PR 23 횞 11
B65730 EPCOS-B65730 Datasheet
75Kb / 2P
PR 30 횞 19
B65754 EPCOS-B65754 Datasheet
74Kb / 2P
PR 14 횞 8
B65756 EPCOS-B65756 Datasheet
75Kb / 2P
PR 18 횞 11
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com