Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65735-J-R26 Datasheet(PDF) 1 Page - EPCOS

Part # B65735-J-R26
Description  PR 30 횞 19
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65735-J-R26 Datasheet(HTML) 1 Page - EPCOS

  B65735-J-R26 Datasheet HTML 1Page - EPCOS B65735-J-R26 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
377 08/01
Core
I Also available with center hole
I Types with special AL value on request
I TT/PR cores are supplied in sets
Magnetic characteristics (per set)
Σle/Ae = 0,39 mm–1
le
= 46,4 mm
Ae
= 119 mm2
Amin = 99,4 mm2
Ve
= 5534 mm3
Approx. weight TT 33,3 g/set
PR 29,6 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
Type
N87
5400 + 30/– 20 % 1680 2900
< 2,8
(200 mT, 100 kHz, 100 °C)
B65730-J-R87
B65735-J-R87
TT
PR
N26
5900 + 30/– 20 % 1830
B65730-J-R26
B65735-J-R26
TT
PR
N30
9400 + 30/– 20 % 2920
B65730-J-R30
B65735-J-R30
TT
PR
T65
14000 + 30/– 20 % 4340
B65730-J-R65
B65735-J-R65
TT
PR
T38
22800 + 40/– 30 % 7075
B65730-J-Y38
B65735-J-Y38
TT
PR
FPK0288-C
0,9
20,9 _
19 0,4
_
13+0,4
FPK0289-K
19 0,4
_
13+0,4
20,2±0,3
TT
PR
B65730
B65735
PR 30
× 19
TT 30
× 19


Similar Part No. - B65735-J-R26

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65733 EPCOS-B65733 Datasheet
101Kb / 3P
PM 114/93 In accordance with IEC 61247
B65733 EPCOS-B65733 Datasheet
123Kb / 5P
Ferrites and accessories
B65733 EPCOS-B65733 Datasheet
231Kb / 8P
Ferrites and accessories
B65733-A-R27 EPCOS-B65733-A-R27 Datasheet
101Kb / 3P
PM 114/93 In accordance with IEC 61247
B65733-A630-A27 EPCOS-B65733-A630-A27 Datasheet
101Kb / 3P
PM 114/93 In accordance with IEC 61247
More results

Similar Description - B65735-J-R26

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65716-J EPCOS-B65716-J Datasheet
74Kb / 2P
PR 23 횞 18
B65716-L EPCOS-B65716-L Datasheet
74Kb / 2P
PR 23 횞 11
B65754 EPCOS-B65754 Datasheet
74Kb / 2P
PR 14 횞 8
B65756 EPCOS-B65756 Datasheet
75Kb / 2P
PR 18 횞 11
B65949 EPCOS-B65949 Datasheet
79Kb / 2P
P Core Half 150 횞 30 Core
logo
HYES Optoelectronics, I...
HL1505 HYES-HL1505 Datasheet
1Mb / 24P
OLED (128 횞 RGB 횞 128)
logo
List of Unclassifed Man...
IPC-I5612M-2R ETC2-IPC-I5612M-2R Datasheet
655Kb / 2P
19" LED Panel support 1280 횞 1024pixel
logo
Belden Inc.
9743 BELDEN-9743 Datasheet
178Kb / 2P
Electronic, 19 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9335 BELDEN-9335 Datasheet
225Kb / 2P
High Perform Instr, 19 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9526 BELDEN-9526 Datasheet
219Kb / 2P
High Perform Instr, 19 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com