Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65671-W-R30 Datasheet(PDF) 4 Page - EPCOS

Part # B65671-W-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65671-W-R30 Datasheet(HTML) 4 Page - EPCOS

  B65671-W-R30 Datasheet HTML 1Page - EPCOS B65671-W-R30 Datasheet HTML 2Page - EPCOS B65671-W-R30 Datasheet HTML 3Page - EPCOS B65671-W-R30 Datasheet HTML 4Page - EPCOS B65671-W-R30 Datasheet HTML 5Page - EPCOS B65671-W-R30 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
345 08/01
Mounting assembly for printed circuit boards
I The set comprises a terminal carrier and a yoke
I For snap-in connection
Terminal carrier
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code gray
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Yoke
Spring yoke, made of tinned nickel silver (0,4 mm), with ground terminal
Complete mounting assembly (8 solder terminals)
Ordering code: B65675-B5
a) Yoke
b) Terminal carrier with 8 solder terminals
Hole arrangement
View in mounting direction
This recess must be on the side of the
grounding pin to ensure that the yoke
locks into position.
Grounding pin
Ground
B65675
Accessories
P 26
× 16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com