Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65756-J-R30 Datasheet(PDF) 1 Page - EPCOS

Part # B65756-J-R30
Description  PR 18 횞 11
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65756-J-R30 Datasheet(HTML) 1 Page - EPCOS

  B65756-J-R30 Datasheet HTML 1Page - EPCOS B65756-J-R30 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
374 08/01
Core
I Also available with center hole
I Types with special AL value on request
I TT/PR cores are supplied in sets
Magnetic characteristics (per set)
Σle/Ae = 0,68 mm–1
le
= 27,3 mm
Ae
= 40,3 mm2
Amin = 36,0 mm2
Ve
= 1100 mm3
Approx. weight TT 6,4 g/set
PR 6,2 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
Type
N87
2800 + 30/– 20 % 1510 1670
< 0,7
(200 mT, 100 kHz, 100 °C)
B65756-J-R87
B65757-J-R87
TT
PR
N26
2600 + 30/– 20 % 1400
B65756-J-R26
B65757-J-R26
TT
PR
N30
5000 + 30/– 20 % 2695
B65756-J-R30
B65757-J-R30
TT
PR
T65
7200 + 30/– 20 % 3880
B65756-J-R65
B65757-J-R65
TT
PR
T38
10800 + 40/– 30 % 5820
B65756-J-Y38
B65757-J-Y38
TT
PR
FPK0282-X
11,8 _0,5
7,2+0,4
0,2
10,6 _
TT
FPK0283-6
12,1_0,5
7,2+0,4
0,2
10,6 _
PR
B65756
B65757
PR 18
× 11
TT 18
× 11


Similar Part No. - B65756-J-R30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65754 EPCOS-B65754 Datasheet
74Kb / 2P
PR 14 횞 8
B65754-J-R26 EPCOS-B65754-J-R26 Datasheet
74Kb / 2P
PR 14 횞 8
B65754-J-R30 EPCOS-B65754-J-R30 Datasheet
74Kb / 2P
PR 14 횞 8
B65754-J-R65 EPCOS-B65754-J-R65 Datasheet
74Kb / 2P
PR 14 횞 8
B65754-J-R87 EPCOS-B65754-J-R87 Datasheet
74Kb / 2P
PR 14 횞 8
More results

Similar Description - B65756-J-R30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
EPCOS
B65716-J EPCOS-B65716-J Datasheet
74Kb / 2P
PR 23 횞 18
B65716-L EPCOS-B65716-L Datasheet
74Kb / 2P
PR 23 횞 11
B65730 EPCOS-B65730 Datasheet
75Kb / 2P
PR 30 횞 19
B65754 EPCOS-B65754 Datasheet
74Kb / 2P
PR 14 횞 8
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com