Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B63399-B1 Datasheet(PDF) 2 Page - EPCOS

Part # B63399-B1
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B63399-B1 Datasheet(HTML) 2 Page - EPCOS

  B63399-B1 Datasheet HTML 1Page - EPCOS B63399-B1 Datasheet HTML 2Page - EPCOS B63399-B1 Datasheet HTML 3Page - EPCOS B63399-B1 Datasheet HTML 4Page - EPCOS B63399-B1 Datasheet HTML 5Page - EPCOS B63399-B1 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
343 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,4
37,2
93
76,5
3 460
0,37
40
108
87
4 320
mm–1
mm
mm2
mm2
mm3
m
21
23
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
100
± 3 %
0,90
32
B65671-+100-A1
M33
100
± 3 %
1,52
32
B65671-+100-A33
160
± 3 %
0,78
51
B65671-+160-A33
N48
160
± 2 %
0,80
51
B65671-+160-G48
250
± 2 %
0,40
80
B65671-+250-G48
315
± 2 %
0,34
100
B65671-+315-G48
400
± 3 %
0,24
127
B65671-+400-A48
630
± 3 %
0,15
201
B65671-+630-A48
800
± 3 %
0,11
255
B65671-+800-A48
1000
± 5 %
0,10
319
B65671-D1000-J48
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-D with center hole
-W without center hole
N26
4900 + 30/– 20 % 1560
B65671-D-R26
N30
9700 + 30/– 20 % 2860
B65671-W-R30
T38
22000 + 40/– 30 % 6480
B65671-W-Y38
N87
5500 + 30/– 20 % 1620 3050
< 1,9
(200 mT, 100 kHz, 100 °C)
B65671-W-R87
FPK0136-N
0,7
17,7 _
ø5,4+0,2
ø11,5 0,4
_
M3
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65671
Core
P 26
× 16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com