Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66281 Datasheet(PDF) 1 Page - EPCOS

Part # B66281
Description  ELP 14/3,5/5 Core (Without Clamp Recess)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66281 Datasheet(HTML) 1 Page - EPCOS

  B66281 Datasheet HTML 1Page - EPCOS B66281 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
437 08/01
Core set EELP 14
Combination: ELP 14/3,5/5 with ELP 14/3,5/5
I In accordance with IEC 61860
Magnetic characteristics (per set)
Σl/A = 1,45 mm–1
le
= 20,7 mm
Ae
= 14,3 mm2
Amin = 13,9 mm2
Ve
= 296 mm3
Approx. weight 1,6 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
ELP 14/3,5/5 + ELP 14/3,5/5:
Validity range:
K1, K2: 0,05 mm < s < 1,00 mm
K3, K4: 20 nH < AL < 200 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
(per piece)
N49
800
± 25 %
920 520
< 0,08
(50 mT, 500 kHz, 100 °C)
B66281-G-X149
N921)
850
± 25 %
980 780
< 0,22
(200 mT, 100 kHz, 100 °C)
B66281-G-X192
N87
1100
± 25 %
1270 780
< 0,20
(200 mT, 100 kHz, 100 °C)
B66281-G-X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N87
29,0
– 0,772
47
– 0,796
39
– 0,873
FEK0369-D
3±0,05
11±0,25
14±0,3
ELP 14/3,5/5
1) Preliminary data
B66281
ELP 14/3,5/5 through ELP 64/10/50
Core (Without Clamp Recess)
ELP 14/3,5/5


Similar Part No. - B66281

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66281G EPCOS-B66281G Datasheet
164Kb / 5P
Ferrites and accessories
B66281G EPCOS-B66281G Datasheet
248Kb / 8P
Ferrites and accessories
B66281G0000X149 EPCOS-B66281G0000X149 Datasheet
164Kb / 5P
Ferrites and accessories
B66281G0000X149 EPCOS-B66281G0000X149 Datasheet
248Kb / 8P
Ferrites and accessories
logo
TDK Electronics
B66281G0000X149 TDK-B66281G0000X149 Datasheet
157Kb / 8P
Ferrites and accessories
More results

Similar Description - B66281

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66283 EPCOS-B66283 Datasheet
74Kb / 2P
ELP 18/4/10 Core and Accessories (With Clamp Recess)
B66285 EPCOS-B66285 Datasheet
72Kb / 2P
ELP 22/6/16 Core (With Clamp Recess)
B66287 EPCOS-B66287 Datasheet
76Kb / 2P
ELP 32/6/20 Core and Accessories (With Clamp Recess)
B66289 EPCOS-B66289 Datasheet
71Kb / 2P
ELP 38/8/25 Core (With Clamp Recess)
B66293 EPCOS-B66293 Datasheet
71Kb / 2P
ELP 58/11/38 Core (Without Clamp Recess)
B66295 EPCOS-B66295 Datasheet
71Kb / 2P
ELP 64/10/50 Core (Without Clamp Recess)
B66453 EPCOS-B66453 Datasheet
71Kb / 2P
ELP 18/4/10 Core (Without Clamp Recess)
B66457 EPCOS-B66457 Datasheet
71Kb / 2P
ELP 32/6/20 Core (Without Clamp Recess)
B66459 EPCOS-B66459 Datasheet
71Kb / 2P
ELP 38/8/25 Core (Without Clamp Recess)
B66461 EPCOS-B66461 Datasheet
71Kb / 2P
ELP 43/10/28 Core (Without Clamp Recess)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com