Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66337 Datasheet(PDF) 1 Page - EPCOS

Part # B66337
Description  EC 35/17/10 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66337 Datasheet(HTML) 1 Page - EPCOS

  B66337 Datasheet HTML 1Page - EPCOS B66337 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
500 08/01
I In accordance with IEC 60647
I Compact E core with large winding window
I Round center leg particularly suitable
for use of thick winding wires
I EC cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,92 mm–1
le
= 77,4 mm
Ae
= 84,3 mm2
Amin = 71 mm2
Ve
= 6 530 mm3
Approx. weight 36 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,50 mm
K3, K4: 70 nH < AL < 680 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
2100 + 30/– 20 % 1530 1710
< 1,10
(200 mT, 25 kHz, 100 °C)
B66337-G-X127
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
0,10
± 0,02
651
475
B66337-G100-X127
0,25
± 0,02
336
245
B66337-G250-X127
0,50
± 0,05
203
148
B66337-G500-X127
1,00
± 0,05
123
90
B66337-G1000-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
123
– 0,724
214
– 0,847
198
– 0,865
B66337
EC cores
Core
EC 35/17/10
EC 35/17/10 through EC 70/35/16


Similar Part No. - B66337

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66335 EPCOS-B66335 Datasheet
75Kb / 2P
E 55/28/21 Core
B66335 EPCOS-B66335 Datasheet
125Kb / 4P
Ferrites and accessories
B66335 EPCOS-B66335 Datasheet
224Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66335 TDK-B66335 Datasheet
377Kb / 7P
Ferrites and accessories
logo
EPCOS
B66335-G-X127 EPCOS-B66335-G-X127 Datasheet
75Kb / 2P
E 55/28/21 Core
More results

Similar Description - B66337

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66339 EPCOS-B66339 Datasheet
76Kb / 2P
EC 41/20/12 Core
B66341 EPCOS-B66341 Datasheet
77Kb / 2P
EC 52/24/14 Core
B66343 EPCOS-B66343 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66377 EPCOS-B66377 Datasheet
80Kb / 2P
ER 46/17/18 Core
B66391 EPCOS-B66391 Datasheet
76Kb / 2P
ER 49/27/17 Core
B66409 EPCOS-B66409 Datasheet
73Kb / 2P
DE 35 Core
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
ER 28/17/11 Core
logo
PHOENIX CONTACT
3240176 PHOENIX-3240176 Datasheet
49Kb / 4P
Europe connectors - EC 10
3240177 PHOENIX-3240177 Datasheet
50Kb / 4P
Europe connectors - EC 10 BK
3240178 PHOENIX-3240178 Datasheet
54Kb / 4P
Europe connectors - EC 10 TR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com