Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66341 Datasheet(PDF) 1 Page - EPCOS

Part # B66341
Description  EC 52/24/14 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66341 Datasheet(HTML) 1 Page - EPCOS

  B66341 Datasheet HTML 1Page - EPCOS B66341 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
502 08/01
I In accordance with IEC 60647
I Compact E core with large winding window
I Round center leg particularly suitable
for use of thick winding wires
I EC cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,58 mm–1
le
= 105 mm
Ae
= 180 mm2
Amin = 141 mm2
Ve
= 18 900 mm3
Approx. weight 110 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 3,00 mm
K3, K4: 110 nH < AL < 1050 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
3400 + 30/– 20 % 1570 2700
< 2,40
(200 mT, 25 kHz, 100 °C)
B66341-G-X127
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
0,25
± 0,02
621
288
B66341-G250-X127
0,50
± 0,05
372
173
B66341-G500-X127
1,50
± 0,05
165
77
B66341-G1500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
223
– 0,739
435
– 0,847
406
– 0,865
B66341
Core
EC 52/24/14


Similar Part No. - B66341

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66343 EPCOS-B66343 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66343-G-X127 EPCOS-B66343-G-X127 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66343-G1000-X127 EPCOS-B66343-G1000-X127 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66343-G500-X127 EPCOS-B66343-G500-X127 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66343GX127 EPCOS-B66343GX127 Datasheet
77Kb / 2P
EC 70/35/16 Core
More results

Similar Description - B66341

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66337 EPCOS-B66337 Datasheet
77Kb / 2P
EC 35/17/10 Core
B66339 EPCOS-B66339 Datasheet
76Kb / 2P
EC 41/20/12 Core
B66343 EPCOS-B66343 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66370 EPCOS-B66370 Datasheet
78Kb / 2P
E 34/14/9 Core
B66385 EPCOS-B66385 Datasheet
74Kb / 2P
E 56/24/19 Core
B66426 EPCOS-B66426 Datasheet
69Kb / 2P
DE 24 Core
logo
E-SWITCH
52-PV3F2B0NN214 E-SWITCH-52-PV3F2B0NN214 Datasheet
217Kb / 1P
52-PV3F2B0NN214
52-PV4F2B011324 E-SWITCH-52-PV4F2B011324 Datasheet
228Kb / 1P
52-PV4F2B011324
logo
Weidmuller
2779320000 WEIDMULLER-2779320000 Datasheet
366Kb / 3P
CABTITE EP 24/14 GY
logo
E-SWITCH
PV5S64019 E-SWITCH-PV5S64019 Datasheet
161Kb / 1P
52-PV5S64019
8/5/2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com