Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPMDP4K080 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # MDPMDP4K080
Description  Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

MDPMDP4K080 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  MDPMDP4K080 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHOSPODAR
LENGTH
.43
11.0
.43
11.0
2X MOLDED HOOD AND
STRAIN RELIEF,
PVC, BLACK
2X MINI DP
2X MINI DP TO DP ADAPTER
HYBRID CABLE 4X FIBER AND
COPPER WIRE
JACKET: PVC, BLACK: NOM. DIA. .19[4.8]
PIN 1
P1
MINI DISPLAYPORT 1.4 TO
DISPLAYPORT 1.4 ADAPTER
MALE CONNECTOR
WITH LATCHES
PIN 1
P2
MINI DISPLAYPORT 1.4 TO
DISPLAYPORT 1.4 ADAPTER
MALE CONNECTOR
WITH LATCHES
NOTES:
1. CABLE ASSEMBLIES SHALL BE TESTED FOR CONTINUITY
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
1
DRAIN WIRE/BRAID
5
4
SHELL
"P1"
SHELL
2
1
2
11
9
12
5
7
15
6
17
14
8
16
14
12
13
13
4
6
19
17
11
16
10
18
"P2"
10
18
7
9
8
3
19
15
3
WIRE MAP
20
20
REVISION
ZONE
REV.
DESCRIPTION
DATE
CHANGED BY
APPROVED BY
A
INITIAL RELEASE
06/22/2023
BPUCHASKI
PHOSPODAR
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AOC-MDPMDP4K
A
1
1
JJOHNSTON
06/22/2023
06/22/2023
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
Mini DisplayPort 1.4 to Mini DisplayPort
Active Optical Cable, 8K
FIBER OPTICS
UNLESS OTHERWISE SPECIFIED,
BPUCHASKI
COLOR VARIATIONS
MAY OCCUR
06/22/2023
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D1
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: AOC-MDPMDP4K.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - MDPMDP4K080

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MDPMDP4K010 L-COM-MDPMDP4K010 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K020 L-COM-MDPMDP4K020 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K030 L-COM-MDPMDP4K030 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K040 L-COM-MDPMDP4K040 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
MDPMDP4K050 L-COM-MDPMDP4K050 Datasheet
132Kb / 1P
Mini DisplayPort 1.4 to Mini DisplayPort Active Optical Cable, 8K
06/22/2023
More results

Similar Description - MDPMDP4K080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687850006 MOLEX8-0687850006 Datasheet
189Kb / 3P
Mini DisplayPort(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 2.0m (6.56), Leadfree
0687850005 MOLEX8-0687850005 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Leadfree
logo
Tripp Lite. All Rights ...
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
logo
Molex Electronics Ltd.
0687850005 MOLEX1-0687850005_18 Datasheet
34Kb / 1P
Mini DisplayPort (Plug)-to-Mini DisplayPort (Plug) Cable Assembly, 1.50m, Lead-Free
logo
IOGEAR
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
GDP14AOC20 IOGEAR-GDP14AOC20 Datasheet
144Kb / 2P
8K DisplayPort Optical Cable 50 ft.
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com