Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFNFB-9 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # NFNFB-9
Description  N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

NFNFB-9 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  NFNFB-9 Datasheet HTML 1Page - Infinite Electronics International, Inc. NFNFB-9 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Specifications
Electrical Specifications
Models
AL-NFNFB-9
AL-NFNFB-2
AL-NFNFB-3
AL-NFNFB-6
Frequency Range
0 – 3 GHz
VSWR
1:1.3 Max. (0 – 3 GHz)
Insertion Loss
0.4 dB Max. (0 – 3 GHz)
Impedance
50 Ohm
Gas Tube Element:
DC Breakdown Voltage Indicated
90V 20%
230V 20%
350V 20%
600V 20%
Gas Tube Impulse Breakdown Voltage
1000V 20%
Gas Tube Insulation Resistance
10,000 MΩ
Maximum Withstand Current
5 KA
RF Power Rating
Models
Voltage
Rating
DC ~ 30 MHz
30 ~ 500 MHz
500 MHz ~ 3 GHz
PEP1
CW2
PEP1
CW2
PEP1
CW2
AL-NFNFB-9
90 Volt
110W
55W
65W
32W
20W
10W
AL-NFNFB-2
230 Volt
280W
140W
110W
55W
40W
20W
AL-NFNFB-3
350 Volt
650W
325W
260W
130W
100W
50W
AL-NFNFB-6
600 Volt
2KW
1KW
800W
400W
320W
160W
Notes:
1 - Peak Envelope Power (PEP): The average power supplied to the antenna transmission line by a transmitter during one radio
frequency cycle at the crest of the modulation envelope taken under normal operating conditions.
2 - Continuous Wave (CW): A wave of constant amplitude and constant frequency.
Mechanical Specifications – All Models
Connectors
N-Female to N-Female Bulkhead
Connector Body Material
Nickel Plated Brass
Body Material
Aluminum
Pin Material
Gold Plated Brass
O-Ring Material
Rubber
Bracket Material
Aluminum
Ground Lug
10 AWG Max.
Dimensions (L x H x W)
3.2 x 1.6 x 0.8 in. (82 x 40 x 20mm)
Max. Panel Thickness (Bulkhead Connector)
0.31 in. (7.93mm)
Weight
3.17 oz (89.8g)
RoHS Compliant
Yes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com