Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-064B Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-064B
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-064B Datasheet(HTML) 2 Page - CUI Devices

  PJ-064B Datasheet HTML 1Page - CUI Devices PJ-064B Datasheet HTML 2Page - CUI Devices PJ-064B Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | SERIES: PJ-064X | DESCRIPTION: DC POWER JACK
date 08/05/2022 | page 2 of 3
cuidevices.com
3.80 0.150
3.50 0.138
3.80 0.150
3.80 0.150
3.50 0.138
4.10 0.161
0.10
refer to
schematic
3.80 0.150
0.10
5.70 0.224
0.10
3.80 0.150
2.10 0.083
10.10 0.398
8.10 0.319
1
3
TOP VIEW
(3 PLCS)
1.00X2.20
PCB LAYOUT
2
0.30 0.012
2
11.00 0.433
0.10
31
5/16X32W
2.70
16.40
0.106
0.20
0.307
7.80
0.20
0.488
12.40
0.10
1.400.055
(3 PLCS)
0.10
0.110
(3 PLCS)
0.20
5.70 0.224
0.10
0.646
2.80
10.40 0.409
0.20
10.00 0.394
5/16x32W
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
brass
nickel
terminal 1
brass
silver
terminal 2
phosphor bronze
silver
terminal 3
brass
silver
bushing
brass
nickel
insulator
red vulcanite fiber
plastic
PBT
nut
brass
nickel
washer
steel
nickel
units: mm[inches]
TOLERANCE:
±0.3mm (unless otherwise specified)
MATING PLUG
Jack Insertion Depth: 8.4mm
Schematic
Model
Center Pin
PJ-064A
ø2.0 mm
PJ-064B
ø2.5 mm
3
2
1
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com