Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-065B Datasheet(PDF) 1 Page - CUI Devices

Part # PJ-065B
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-065B Datasheet(HTML) 1 Page - CUI Devices

  PJ-065B Datasheet HTML 1Page - CUI Devices PJ-065B Datasheet HTML 2Page - CUI Devices PJ-065B Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 10/30/2019
page 1 of 3
SERIES: PJ-065X
│ DESCRIPTION: DC POWER JACK
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
24
Vdc
rated input current
5
A
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawl force
0.2
3.0
kgf
operating temperature
-25
70
°C
life
5,000
cycles
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3~5 seconds at
295
300
305
°C
wave soldering
for 3~5 seconds at
245
250
255
°C
FEATURES
• long barrel
• mounting hardware includes nut and washer
• panel mount
• metal bushing
RoHS
PJ-065 X
Center Pin Diameter
A = ø2.0 mm
B = ø2.5 mm
Base Number
PART NUMBER KEY
Additional Resources: Product Page | 3D Model


Similar Part No. - PJ-065B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-065B CUI-PJ-065B Datasheet
150Kb / 3P
DC POWER JACK
logo
CUI Devices
PJ-065B CUID-PJ-065B Datasheet
341Kb / 3P
DC POWER JACK
10/30/2019
More results

Similar Description - PJ-065B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
DC POWER JACK
PJ-034-SMT CUI-PJ-034-SMT Datasheet
153Kb / 3P
DC POWER JACK
PJ-036AH-SMT CUI-PJ-036AH-SMT Datasheet
149Kb / 3P
DC POWER JACK
PJ-038-SMT CUI-PJ-038-SMT Datasheet
154Kb / 3P
DC POWER JACK
PJ-034A CUI-PJ-034A Datasheet
229Kb / 1P
DC POWER JACK
PJ-018 CUI-PJ-018 Datasheet
238Kb / 1P
DC POWER JACK
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
DC POWER JACK
PJ-048H CUI-PJ-048H Datasheet
182Kb / 3P
DC POWER JACK
PJ-051AH CUI-PJ-051AH Datasheet
24Kb / 1P
DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com