Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66357 Datasheet(PDF) 1 Page - EPCOS

Part # B66357
Description  ER 54/18/18 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66357 Datasheet(HTML) 1 Page - EPCOS

  B66357 Datasheet HTML 1Page - EPCOS B66357 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
475 08/01
I Round center leg particularly suitable
for use of thick winding wires or tapes
I For compact winding design with
low leakage inductance
I ER cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,35 mm–1
le
= 90 mm
Ae
= 256 mm2
Amin = 252 mm2
Ve
= 23 000 mm3
Approx. weight 119 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,15 mm < s < 3,50 mm
K3, K4: 180 nH < AL < 1800 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
5600 + 30/– 20 % 1560 4480
< 4,40
(200 mT, 25 kHz, 100 °C)
B66357-G-X127
N87
5800 + 30/– 20 % 1620 4480
< 12,50
(200 mT, 100 kHz, 100 °C)
B66357-G-X187
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
0,50
± 0,05
620
173
B66357-G500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
360
– 0,786
635
– 0,847
590
– 0,865
N87
360
– 0,786
616
– 0,796
574
– 0,873
B66357
Core
ER 54/18/18


Similar Part No. - B66357

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66357 EPCOS-B66357 Datasheet
118Kb / 4P
Ferrites and accessories
B66357 EPCOS-B66357 Datasheet
220Kb / 7P
Ferrites and accessories
B66357G0000X127 EPCOS-B66357G0000X127 Datasheet
118Kb / 4P
Ferrites and accessories
B66357G0000X127 EPCOS-B66357G0000X127 Datasheet
220Kb / 7P
Ferrites and accessories
B66357G0000X127 EPCOS-B66357G0000X127_13 Datasheet
220Kb / 7P
Ferrites and accessories
More results

Similar Description - B66357

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65513 EPCOS-B65513 Datasheet
69Kb / 2P
ER 14,5/6 Core
B65523 EPCOS-B65523 Datasheet
94Kb / 3P
ER 9,5/5 Core
B65525 EPCOS-B65525 Datasheet
101Kb / 3P
ER 11/5 Core
B66377 EPCOS-B66377 Datasheet
80Kb / 2P
ER 46/17/18 Core
B66389 EPCOS-B66389 Datasheet
85Kb / 3P
E 36/18/11 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
ETD 54/28/19 Core
B66453 EPCOS-B66453 Datasheet
71Kb / 2P
ELP 18/4/10 Core (Without Clamp Recess)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425_15 Datasheet
310Kb / 9P
18-28 GHz 1W Power Amplifi er MMIC
logo
Broadcom Corporation.
AMMC-6425 BOARDCOM-AMMC-6425 Datasheet
310Kb / 9P
18-28 GHz 1W Power Amplifi er MMIC
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com