Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2A231LRSAF Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2A231LRSAF
Description  Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A231LRSAF Datasheet(HTML) 3 Page - Sharp Corporation

  GP2A231LRSAF Datasheet HTML 1Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 2Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 3Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 4Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 5Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 6Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 7Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 8Page - Sharp Corporation GP2A231LRSAF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Sheet No.: D3-A05201EN
GP2A231LRSAF/GP2A230LRS0F/GP2A230LRSAF
(Unit : mm)
Product mass : approx. 1.42g
GP2A230LRSAF
• Unspecified tolerance shall be as follows ;
Dimensions
Tolerance
less than 6
±0.2
6 or more less
than 14
±0.3
14 or more
±0.4
• ( ) : Reference dimensions.
52
19.7
(6.8)
6
12
7.8
6.7
8.45
Connector : 292133-3
Tyco Electronics AMP K.K.)
Optical center
1
2
3
2-16.8±
0.2
2-3.3
1.65
2-3.3±
0.1
4-1.3
4-0.8
Date code
φ1.5
1
2
3
VCC
VOUT
GND
Connector terminal plating material : Sn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com