Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66367 Datasheet(PDF) 1 Page - EPCOS

Part # B66367
Description  ETD 49/25/16 Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66367 Datasheet(HTML) 1 Page - EPCOS

  B66367 Datasheet HTML 1Page - EPCOS B66367 Datasheet HTML 2Page - EPCOS B66367 Datasheet HTML 3Page - EPCOS B66367 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
491 08/01
I In accordance with IEC 61185
I Quality assurance per UTE 83313-004/
CECC 25 301-004 (material N27)
I For SMPS transformers with optimum
weight/performance ratio at small volume
I ETD cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,54 mm–1
le
= 114 mm
Ae
= 211 mm2
Amin = 209 mm2
Ve
= 24 100 mm3
Approx. weight 124 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
3700 + 30/– 20 % 1590 2910
< 4,59
(200 mT, 25 kHz, 100 °C)
B66367-G-X127
N87
3800 + 30/– 20 % 1630 2910
< 12,40
(200 mT, 100 kHz, 100 °C)
B66367-G-X187
N971)
3900 + 30/– 20 % 1680 2910
< 10,60
(200 mT, 100 kHz, 100 °C)
B66367-G-X197
Material
g
mm
AL value
approx.
nH
µe
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0,20
± 0,02
1035
444
B66367-G200-X1**
N87
0,50
± 0,05
525
225
B66367-G500-X1**
1,00
± 0,05
314
135
B66367-G1000-X1**
2,00
± 0,05
188
81
B66367-G2000-X1**
FEK0061-Y
16,7 0,8
_
36,1+1,8
48,5
+1,3
0,9
_
1) Preliminary data
B66367
Core
ETD 49/25/16


Similar Part No. - B66367

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66367 EPCOS-B66367 Datasheet
79Kb / 6P
Ferrites and accessories
B66367 EPCOS-B66367 Datasheet
263Kb / 9P
Ferrites and accessories
B66367G0000X127 EPCOS-B66367G0000X127 Datasheet
79Kb / 6P
Ferrites and accessories
B66367G0000X127 EPCOS-B66367G0000X127 Datasheet
263Kb / 9P
Ferrites and accessories
B66367G0000X127 EPCOS-B66367G0000X127_13 Datasheet
263Kb / 9P
Ferrites and accessories
More results

Similar Description - B66367

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66358 EPCOS-B66358 Datasheet
138Kb / 5P
ETD 29/16/10 Core
B66361 EPCOS-B66361 Datasheet
150Kb / 6P
ETD 34/17/11 Core
B66363 EPCOS-B66363 Datasheet
104Kb / 4P
ETD 39/20/13 Core
B66365 EPCOS-B66365 Datasheet
104Kb / 4P
ETD 44/22/15 Core
B66391 EPCOS-B66391 Datasheet
76Kb / 2P
ER 49/27/17 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
ETD 54/28/19 Core
B66397 EPCOS-B66397 Datasheet
106Kb / 4P
ETD 59/31/22 Core
logo
Ferroxcube Internationa...
ETD59 FERROXCUBE-ETD59_1 Datasheet
17Kb / 1P
ETD core s and accessories
logo
Fair-Rite Products Corp...
9595343502 FAIR-RITE-9595343502 Datasheet
512Kb / 1P
ETD Cores
9595606002 FAIR-RITE-9595606002 Datasheet
512Kb / 1P
ETD Cores
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com