Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66397 Datasheet(PDF) 3 Page - EPCOS

Part # B66397
Description  ETD 59/31/22 Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66397 Datasheet(HTML) 3 Page - EPCOS

  B66397 Datasheet HTML 1Page - EPCOS B66397 Datasheet HTML 2Page - EPCOS B66397 Datasheet HTML 3Page - EPCOS B66397 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
499 08/01
Coil former
Material:
GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085:
B66398A: F
max. operating temperature 155 °C, color code black
(Pocan B4235; [E 41613 (M)]; Bayer)
B66398W: H
max. operating temperature 180 °C, color code black
(Rynite FR530; [E 69578 (M)]; E I DUPONT DE NEMOURS & CO INC)
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see data book 2001, chapter Processing Notes, page 158
Yoke
Material: Stainless spring steel (0.4 mm)
Coil former
Yoke
 EPCOS AG 2001. Reproduction, publication and dissemination of this brochure and the information contained
therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical
and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers’ Associa-
tion), unless otherwise agreed.
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
1
365.6
106.1
10
24
B66398A1024T001
B66398W1024T001
Yoke (ordering code per piece, 2 are required)
B66398A2000
FEK0363-Y
22,1±0,2
12,9±0,3
ø 1,6+0,15
12 x 5,08 = 60,96
ø 3,4+0,15
22,4 min.
24,9 max.
42,65 min.
66,9 max.
41,2 min.
43,7 max.
66,2 max.
ø1
(für Befestigung mit Blechschraube
DIN 7971-St2,9 x 6,5-C)
Lochgruppe
Ansicht in
Montagerichtung
Hole arrangement
View in mounting direction
(for fixing with sheet-steel screw DIN 7971-St 2,9
× 6,5–C)
B66398
Accessories
ETD 59/31/22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com