Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66409 Datasheet(PDF) 1 Page - EPCOS

Part # B66409
Description  DE 35 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66409 Datasheet(HTML) 1 Page - EPCOS

  B66409 Datasheet HTML 1Page - EPCOS B66409 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
521 08/01
I Closed E core design guarantees
material-specific properties
I For broadband transformers and
current-compensated chokes
Magnetic characteristics (per piece)
Σl/A = 1,46 mm–1
le
= 85 mm
Ae
= 58 mm2
Amin = 58 mm2
Ve
= 4 970 mm3
Approx. weight 26 g/piece
Material
AL value
nH
Ordering code
T37
5400 + 40/– 30 %
B66409-A1-X37
B66409
Core
DE 35


Similar Part No. - B66409

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66408 EPCOS-B66408 Datasheet
69Kb / 2P
EV 25/13/13 Core
B66408 EPCOS-B66408 Datasheet
89Kb / 4P
Ferrites and accessories
B66408 EPCOS-B66408 Datasheet
209Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66408 TDK-B66408 Datasheet
339Kb / 7P
Ferrites and accessories
logo
EPCOS
B66408-G-X127 EPCOS-B66408-G-X127 Datasheet
69Kb / 2P
EV 25/13/13 Core
More results

Similar Description - B66409

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65947 EPCOS-B65947 Datasheet
62Kb / 2P
PS 35 횞 10,8 Core
B66337 EPCOS-B66337 Datasheet
77Kb / 2P
EC 35/17/10 Core
B66343 EPCOS-B66343 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66350 EPCOS-B66350 Datasheet
81Kb / 2P
ER 35/20/11 Core
B66399 EPCOS-B66399 Datasheet
67Kb / 2P
DE 28 Core
B66426 EPCOS-B66426 Datasheet
69Kb / 2P
DE 24 Core
logo
Eichhoff Electronics,In...
DSA010 EICHHOFF-DSA010 Datasheet
121Kb / 2P
Stabkerndrosseln Iron core chokes Selfs baton de fer
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com