Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B67370 Datasheet(PDF) 2 Page - EPCOS

Part # B67370
Description  Ferrites and accessories U 101/76/30 Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B67370 Datasheet(HTML) 2 Page - EPCOS

  B67370 Datasheet HTML 1Page - EPCOS B67370 Datasheet HTML 2Page - EPCOS B67370 Datasheet HTML 3Page - EPCOS B67370 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Magnetic characteristics (per set)
Σl/A= 0.44 mm–1
le
= 368 mm
Ae
= 840 mm2
Amin = 840 mm2
Ve
= 310800 mm3
Approx. weight 1600 g/set
U cores are supplied as single units. The AL value in the table applies to a core set comprising two
ungapped cores.
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N27
4600 +30/–20%
1580
< 16.5 (100 mT, 25 kHz, 100 °C)
B67370A0002X027
N87
5700 +30/–20%
1990
< 6 (100 mT, 25 kHz, 100 °C)
B67370A0002X187
FUS0112-P
30±0,6
28±0,5
45 min.
101±1,8
28±0,5
B67370
Core
U 101/76/30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com