Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82614-R2272-A30 Datasheet(PDF) 2 Page - EPCOS

Part # B82614-R2272-A30
Description  Chokes for Power Lines Sine-Wave Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82614-R2272-A30 Datasheet(HTML) 2 Page - EPCOS

  B82614-R2272-A30 Datasheet HTML 1Page - EPCOS B82614-R2272-A30 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
331 04/00
General technical data
Characteristics and ordering codes
Rated inductance
LR
Measured with HP 4275 A or HP 4284 A;
Measuring frequency:
L
≤ 1 mH = 100 kHz
L > 1 mH = 10 kHz
Inductance tolerance
± 30 %
DC resistance
Rtyp
Typical values, measured at 20
°C
Rated voltage
VR
250 Vac / 350 Vdc
Climatic category
In accordance with IEC 60068-1
40/125/56 (– 40
°C/+ 125 °C/56 days damp heat test)
Standards
The chokes comply with EN 60938-2 und VDE 0565-2
Weight
Approx. 30 g
Current derating
Iop/IR
versus ambient temperature
TA
IR
A
LR
mH
Rtyp
Ω
Ordering code
0,8
3,0
2,0
B82614-R2801-A30
1,0
2,0
1,3
B82614-R2102-A30
1,7
1,5
0,62
B82614-R2172-A30
2,0
1,0
0,42
B82614-R2202-A30
2,4
0,75
0,29
B82614-R2242-A30
2,7
0,5
0,23
B82614-R2272-A30
SSB1102-8
0
0
T
Ι
B
Ι
R
A
20
40
60
80
100
140
C
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Iop
IR
B82614
Chokes for Power Lines
Sine-Wave Chokes
Jump to succeding page



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com